전자부품 데이터시트 검색엔진 |
|
SN74AUP1G126DPWR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
SN74AUP1G126DPWR 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 43 page 1 2 C B A Not to scale GND Y A OE VCC 1 2 C B A Not to scale GND Y A DNU OE VCC GND Y 3 4 A 2 5 OE 6 1 N.C. V CC A N.C. OE 6 5 4 2 3 GND Y V CC 1 2 A V CC 5 1 OE 3 4 GND GND Y Y VCC A OE GND GND 5 1 V CC OE 2 A 3 4 Y 2 A 3 4 GND V CC 5 OE Y 1 3 SN74AUP1G126 www.ti.com SCES596G – JULY 2004 – REVISED AUGUST 2017 Product Folder Links: SN74AUP1G126 Submit Documentation Feedback Copyright © 2004–2017, Texas Instruments Incorporated 5 Pin Configuration and Functions DBV Package 5-Pin SOT-23 Top View DKC Package 5-Pin SOT-23 Top View DRL Package 5-Pin SOT-5X3 Top View DPW Package 5-Pin X2SON Top View DRY Package 6-Pin SON Top View N.C. – No internal connection. See mechanical drawings for dimensions. DSF Package 6-Pin SON Top View YFP Package 6-Pin DSBGA Bottom View YZP Package 5-Pin DSBGA Bottom View Pin Functions PIN I/O DESCRIPTION NAME DBV, DCK, DRL, DPW DRY, DSF YFP YZP A 2 2 B1 B1 I Input DNU — — — B2 — Do not use GND 3 3 C1 C1 — Ground N.C. — 5 B2 — — No Internal Connection OE 1 1 A1 A1 I Output enable (active high) VCC 5 6 A2 A2 — Positive supply Y 4 4 C2 C2 O Buffered output |
유사한 부품 번호 - SN74AUP1G126DPWR |
|
유사한 설명 - SN74AUP1G126DPWR |