전자부품 데이터시트 검색엔진 |
|
ES2C 데이터시트(PDF) 1 Page - Suntan Capacitors |
|
ES2C 데이터시트(HTML) 1 Page - Suntan Capacitors |
1 / 2 page Suntan® Su® ES2A THRU ES2J SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600Volts CURRENT 2.0 Ampere F E A T U R E S ◆Plastic package has Underwrites Laboratory ◆Flammability Classification 94V-0 ◆Glass passivated chip junction ◆Built-in strain relief ◆Super Fast switching speed for high efficiency ◆High temperature soldering guaranteed: 250℃/10 seconds Mechanical Data ◆Case: JEDED DO-214AA transfer molded plastic ◆Terminals: Solder plated, Solderable per MIL-STD-750 ◆Method 2026 ◆Polarity: Color band denotes cathode end ◆Weight: 0.003 ounce, 0.093 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% PARAMETER SYMBOLS ES2A ES2B ES2C ES2D ES2E ES2G ES2J UNIT Maximum Repetitive Peak Reverse Voltage VRRM 50 100 150 200 300 400 600 Volts Maximum RMS Voltage VRMS 35 70 105 140 210 280 420 Volts Maximum DC Blocking Voltage VDC 50 100 150 200 300 400 600 Volts Maximum Average Forward Rectified Current at TL =100 ℃ I(AV) 2.0 Amps Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC method) IFSM 50 Amps Maximum lnstantaneous Forward Voltage @ 2.0A VF 0.95 1.25 1.7 Volts Maximum DC Reverse Current at rated DC Blocking voltage per element TA=25 ℃ IR 5.0 μA TA=125 ℃ 200 Maximum Reverse Recovery Time Test conditions IF=0.5A, IR=1.0A, IRR=0.25A trr 35 nS Typical Junstion Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) CJ 25 208 pF Typical Thermal Resistance (Note 1) RθJA 75 ℃/W RθJL 17 Operating Junction Temperature Range TJ -55 to +150 ℃ Storage Tempetature Rang TSTG -55 to +150 ℃ Note: 1. Thermal resistance from Junction to ambient and from junction to lead mounted on P.C.B. With 0.3”×0.3”(8.0mm × 8.0mm) copper pad areas. Suntan ® Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246 DO-214AA (SMB) Dimensions in inches and (millimeters) |
유사한 부품 번호 - ES2C |
|
유사한 설명 - ES2C |