전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G80DCKRG4 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G80DCKRG4
상세설명  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G80DCKRG4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G80DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
SN74AUP1G80
SCES593F – JULY 2004 – REVISED JULY 2017
www.ti.com
Product Folder Links: SN74AUP1G80
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
One input at VCC – 0.6 V, other input at VCC or GND
6.5 Electrical Characteristics: TA = 25°C
over recommended operating free-air temperature range, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOH
IOH = –20 µA
0.8 V to 3.6 V
VCC – 0.1
V
IOH = –1.1 mA
1.1 V
0.75 × VCC
IOH = –1.7 mA
1.4 V
1.11
IOH = –1.9 mA
1.65 V
1.32
IOH = –2.3 mA
2.3 V
2.05
IOH = –3.1 mA
1.9
IOH = –2.7 mA
3 V
2.72
IOH = –4 mA
2.6
VOL
IOL = 20 µA
0.8 V to 3.6 V
0.1
V
IOL = 1.1 mA
1.1 V
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
IOL = 1.9 mA
1.65 V
0.31
IOL = 2.3 mA
2.3 V
0.31
IOL = 3.1 mA
0.44
IOL = 2.7 mA
3 V
0.31
IOL = 4 mA
0.44
II
D or CLK
input
VI = GND to 3.6 V
0 V to 3.6 V
0.1
µA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
µA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
µA
ICC
VI = GND or VCC to 3.6 V, IO = 0
0.8 V to 3.6 V
0.5
µA
ΔICC
VI = VCC – 0.6 V,
(1) I
O = 0
3.3 V
40
µA
Ci
VI = VCC or GND
0 V
1.5
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF


유사한 부품 번호 - SN74AUP1G80DCKRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G80DCKRG4 TI1-SN74AUP1G80DCKRG4 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DCKRG4 TI1-SN74AUP1G80DCKRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

유사한 설명 - SN74AUP1G80DCKRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com