전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA3001M 데이터시트(PDF) 6 Page - Allegro MicroSystems

부품명 SLA3001M
상세설명  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA3001M 데이터시트(HTML) 6 Page - Allegro MicroSystems

Back Button SLA3001M Datasheet HTML 2Page - Allegro MicroSystems SLA3001M Datasheet HTML 3Page - Allegro MicroSystems SLA3001M Datasheet HTML 4Page - Allegro MicroSystems SLA3001M Datasheet HTML 5Page - Allegro MicroSystems SLA3001M Datasheet HTML 6Page - Allegro MicroSystems SLA3001M Datasheet HTML 7Page - Allegro MicroSystems SLA3001M Datasheet HTML 8Page - Allegro MicroSystems SLA3001M Datasheet HTML 9Page - Allegro MicroSystems SLA3001M Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
TM
6
APPLICATIONS INFORMATION
Thermal protection and heat sinking. Thermal protection
circuitry turns off the device should the junction temperature rise
above 135
°C. This is intended only to protect the device from
failures due to excessive junction temperatures and should not
imply that high-temperature operation is permitted. Ambient
temperature is affected by air circulation and proximity to other
heat-producing components. Normal operation is resumed when
the junction temperature is reduced. Output terminals 7 and 8
are the lead frame and substrate of the pass transistor and
provide a low thermal-resistance path for heat sinking.
In general, the maximum ambient temperature has the most
effect on determining the heat sinking that is needed to maintain
a safe normal operating junction temperature. The maximum
heat sinking thermal resistance (Rθ
JA) can be calculated as
Rθ
JA = (135 – TA) / IO (VI – 1.8)
where T
A is the maximum ambient temperature in °C,
I
O is the maximum output (load) current in amperes, and
V
I is the maximum input voltage in volts.
The following graph gives the required copper foil area
(soldered to leads 7 and 8) to provide the required thermal
resistance. Note that more is always better and both sides of the
printed wiring board can be used.
ENABLE input. The ENABLE input includes an internal pull-
100
200
300
500
JUNCTION-TO-AMBIENT THERMAL RESISTANCE in
°°°°C/W
90
Dwg. GK-031
130
110
120
100
1000
2000
GLASS-EPOXY
PRINTED WIRING BOARD
down resistor. If this terminal is not connected (open-circuit
fault), the device output is turned off.
Overcurrent protection. The SI-3018LSA includes an
overcurrent protection circuit, which limits the output current at
start up. It thus cannot be used with
1) a constant-current load,
2) a power supply with positive and negative to a common load
(center-tap type power supply),
3) a series power supply, or
4) a diode or resistor in series with the device ground to raise
the output voltage.
Input voltage. Including ripple voltage and transients, the
minimum input voltage should be greater than the sum of the
output voltage and the maximum rated dropout voltage; the
maximum input voltage must be less than the absolute maximum
rated input voltage (16 V).
In most applications, the input voltage (terminal 1, V
I) and
the supply voltage (terminal 3, V
S) are connected together.
Output capacitor. A 22
µF tantalum electrolytic capacitor is
recommended between the output and ground. Very-low ESR
capacitors should not be used.
Input capacitor. A 0.1
µF to 10 µF tantalum capacitor is
recommended between the input and ground to prevent oscilla-
tion.


유사한 부품 번호 - SLA3001M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
More results

유사한 설명 - SLA3001M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com