전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA3001M 데이터시트(PDF) 7 Page - Allegro MicroSystems

부품명 SLA3001M
상세설명  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA3001M 데이터시트(HTML) 7 Page - Allegro MicroSystems

Back Button SLA3001M Datasheet HTML 2Page - Allegro MicroSystems SLA3001M Datasheet HTML 3Page - Allegro MicroSystems SLA3001M Datasheet HTML 4Page - Allegro MicroSystems SLA3001M Datasheet HTML 5Page - Allegro MicroSystems SLA3001M Datasheet HTML 6Page - Allegro MicroSystems SLA3001M Datasheet HTML 7Page - Allegro MicroSystems SLA3001M Datasheet HTML 8Page - Allegro MicroSystems SLA3001M Datasheet HTML 9Page - Allegro MicroSystems SLA3001M Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
www.allegromicro.com
7
NOTES: 1. Exact body and lead configuration at vendor’s option within limits shown.
2. Lead spacing tolerance is non-cumulative.
3. Leads 7 and 8 are internally connected together and provide heat sinking of the pass transistor.
0
° TO 10°
5.1
±0.4
6.2
±0.3
0.5
±0.1
Dwg. MK-006-8 mm
1.27
BSC
0.25
0.10
8
1
4.4
±0.2
0.4
±0.1
1.55
±0.15
0.10 MAX.
5
76
Dimensions in Millimeters
(controlling dimensions)


유사한 부품 번호 - SLA3001M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
More results

유사한 설명 - SLA3001M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com