전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP236 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP236
상세설명  Low-Power, High-Accuracy Analog Output Temperature Sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP236 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TMP236 Datasheet HTML 5Page - Texas Instruments TMP236 Datasheet HTML 6Page - Texas Instruments TMP236 Datasheet HTML 7Page - Texas Instruments TMP236 Datasheet HTML 8Page - Texas Instruments TMP236 Datasheet HTML 9Page - Texas Instruments TMP236 Datasheet HTML 10Page - Texas Instruments TMP236 Datasheet HTML 11Page - Texas Instruments TMP236 Datasheet HTML 12Page - Texas Instruments TMP236 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
28-Sep-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PTMP235DCKT
ACTIVE
SC70
DCK
5
250
TBD
Call TI
Call TI
-40 to 150
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


유사한 부품 번호 - TMP236

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP236 TI1-TMP236 Datasheet
974Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
975Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
575Kb / 20P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
688Kb / 22P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
More results

유사한 설명 - TMP236

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP235 TI1-TMP235_18 Datasheet
974Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
   High accuracy analog output dual axis position sensor
Version 2.0
logo
ON Semiconductor
NCT203 ONSEMI-NCT203 Datasheet
162Kb / 13P
   Low Voltage, High Accuracy Temperature Monitor
June, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com