전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL3D107K010F0100 데이터시트(PDF) 11 Page - Vishay Siliconix

부품명 TL3D107K010F0100
상세설명  Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL3D107K010F0100 데이터시트(HTML) 11 Page - Vishay Siliconix

Back Button TL3D107K010F0100 Datasheet HTML 7Page - Vishay Siliconix TL3D107K010F0100 Datasheet HTML 8Page - Vishay Siliconix TL3D107K010F0100 Datasheet HTML 9Page - Vishay Siliconix TL3D107K010F0100 Datasheet HTML 10Page - Vishay Siliconix TL3D107K010F0100 Datasheet HTML 11Page - Vishay Siliconix TL3D107K010F0100 Datasheet HTML 12Page - Vishay Siliconix TL3D107K010F0100 Datasheet HTML 13Page - Vishay Siliconix TL3D107K010F0100 Datasheet HTML 14Page - Vishay Siliconix TL3D107K010F0100 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TL3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
11
Document Number: 40154
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 VDC AT +85 °C; 33 VDC AT +125 °C
0.22
B
TL3B224(1)050(2)8500
0.25
4
8.500
0.10
0.33
B
TL3B334(1)050(2)10R0
0.25
4
10.000
0.09
0.33
B
TL3B334(1)050(2)4500
0.25
4
4.500
0.14
0.47
B
TL3B474(1)050(2)8400
0.25
4
8.400
0.10
0.47
B
TL3B474(1)050(2)4000
0.25
4
4.000
0.15
0.47
C
TL3C474(1)050(2)6700
0.25
4
6.700
0.13
0.47
C
TL3C474(1)050(2)1800
0.25
4
1.800
0.25
0.68
C
TL3C684(1)050(2)5900
0.25
4
5.900
0.14
0.68
C
TL3C684(1)050(2)1600
0.25
4
1.600
0.26
1.0
B
TL3B105(1)050(2)6700
0.25
4
6.700
0.11
1.0
B
TL3B105(1)050(2)2000
0.25
4
2.000
0.21
1.0
C
TL3C105(1)050(2)4600
0.25
4
4.600
0.15
1.0
C
TL3C105(1)050(2)1600
0.25
4
1.600
0.26
1.5
C
TL3C155(1)050(2)3400
0.38
6
3.400
0.18
1.5
C
TL3C155(1)050(2)1500
0.38
6
1.500
0.27
1.5
D
TL3D155(1)050(3)2900
0.38
6
2.900
0.23
1.5
D
TL3D155(1)050(3)1000
0.375
6
1.000
0.39
2.2
C
TL3C225(1)050(2)2900
0.55
6
2.900
0.19
2.2
C
TL3C225(1)050(2)1500
0.55
6
1.500
0.27
2.2
D
TL3D225(1)050(3)2100
0.55
6
2.100
0.27
2.2
D
TL3D225(1)050(3)0800
0.55
6
0.800
0.43
3.3
D
TL3D335(1)050(3)1700
0.83
6
1.700
0.30
3.3
D
TL3D335(1)050(3)0800
0.83
6
0.800
0.43
4.7
D
TL3D475(1)050(3)1200
1.18
6
1.200
0.35
4.7
D
TL3D475(1)050(3)0600
1.18
6
0.600
0.50
6.8
E
TL3E685(1)050(3)0900
1.70
6
0.900
0.43
6.8
E
TL3E685(1)050(3)0540
1.70
6
0.540
0.55
10
E
TL3E106(1)050(3)0800
2.50
6
0.800
0.45
10
E
TL3E106(1)050(3)0550
2.50
6
0.550
0.55
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
A
0.075
B
0.085
C
0.110
D
0.150
E
0.165
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: C, D, E, F, U, V, T, W


유사한 부품 번호 - TL3D107K010F0100

제조업체부품명데이터시트상세설명
logo
TiMOTION Technology Co....
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
   Max. load 4,000N (push)
20220411-V
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
   TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
   300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

유사한 설명 - TL3D107K010F0100

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com