전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSE180-2N41139 데이터시트(PDF) 6 Page - SICK AG

부품명 VSE180-2N41139
상세설명  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

VSE180-2N41139 데이터시트(HTML) 6 Page - SICK AG

  VSE180-2N41139 Datasheet HTML 1Page - SICK AG VSE180-2N41139 Datasheet HTML 2Page - SICK AG VSE180-2N41139 Datasheet HTML 3Page - SICK AG VSE180-2N41139 Datasheet HTML 4Page - SICK AG VSE180-2N41139 Datasheet HTML 5Page - SICK AG VSE180-2N41139 Datasheet HTML 6Page - SICK AG VSE180-2N41139 Datasheet HTML 7Page - SICK AG VSE180-2N41139 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VSE180-2N41139 | V180-2
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
VSE180-2, plastic, radial
83.8 (3.29)
55.8 (2.20)
22
(0.87)
22
(0.87)
1
76.5 (3.01)
9.3 (0.36)
2 (0.08)
74.5 (2.93)
70.8 (2.79)
2
3
4
5
34 (1.34)
74.5 (2.93)
70.8 (2.79)
3
4
5
2 (0.08)
14
(0.55)
55.8 (2.20)
2 (0.07)
14
(0.55)
6
6
7 (0.28)
7 (0.28)
34 (1.34)
①  Connector M12
②  Connection cable 2 m
③  Sensitivity control: potentiometer 270° (VE)
④  LED indicator orange: switching output active (only VE)
⑤  LED indicator green, stability indicator (only VE): LED lights continuously = light reception < 0.9/> 1.1; LED off = light reception > 0.9 / < 1.1
⑥  Fastening nuts (2 x); A/F 22, PC
Recommended accessories
Other models and accessories
www.sick.com/V180-2
Brief description
Type
Part no.
Universal bar clamp systems
Plate N06 for universal clamp bracket, M18, Zinc plated steel (sheet), Zinc die cast
(clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N06
2051612
Mounting brackets and plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


유사한 부품 번호 - VSE180-2N41139

제조업체부품명데이터시트상세설명
logo
SICK AG
VSE180-2N41132 SICK-VSE180-2N41132 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
VSE180-2N41137 SICK-VSE180-2N41137 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

유사한 설명 - VSE180-2N41139

제조업체부품명데이터시트상세설명
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com