전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VTE18L-4N324 데이터시트(PDF) 3 Page - SICK AG

부품명 VTE18L-4N324
상세설명  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

VTE18L-4N324 데이터시트(HTML) 3 Page - SICK AG

  VTE18L-4N324 Datasheet HTML 1Page - SICK AG VTE18L-4N324 Datasheet HTML 2Page - SICK AG VTE18L-4N324 Datasheet HTML 3Page - SICK AG VTE18L-4N324 Datasheet HTML 4Page - SICK AG VTE18L-4N324 Datasheet HTML 5Page - SICK AG VTE18L-4N324 Datasheet HTML 6Page - SICK AG VTE18L-4N324 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VTE18L-4N324 | V18 Laser
PHOTOELECTRIC SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 10 % 2)
Power consumption
≤ 30 mA 3)
Output type
NPN
Switching mode
Light/dark switching
Switching mode selector
Selectable via control input C
Output current Imax.
≤ 100 mA
Response time
≤ 0.625 ms 4)
Switching frequency
800 Hz 5)
Connection type
Male connector M12, 4-pin
Circuit protection
6)
7)
8)
9)
Protection class
III
Weight
60 g
Housing material
Metal, Nickel-plated brass/PC
Optics material
Plastic, PC with protective glass pane
Enclosure rating
IP67
Special feature
Focused optics
Ambient operating temperature
–15 °C ... +55 °C
Ambient storage temperature
–25 °C ... +70 °C
UL File No.
NRKH.E181493, CDRH-conform (0312012-00)
1) Limit values.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) A = VS connections reverse-polarity protected.
7) B = inputs and output reverse-polarity protected.
8) C = interference suppression.
9) D = outputs overcurrent and short-circuit protected.
Classifications
ECl@ss 5.0
27270903
ECl@ss 5.1.4
27270903
ECl@ss 6.0
27270903
ECl@ss 6.2
27270903
ECl@ss 7.0
27270903
ECl@ss 8.0
27270903
ECl@ss 8.1
27270903
ECl@ss 9.0
27270903
ETIM 5.0
EC001821
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


유사한 부품 번호 - VTE18L-4N324

제조업체부품명데이터시트상세설명
logo
SICK AG
VTE18L-4N344 SICK-VTE18L-4N344 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
More results

유사한 설명 - VTE18L-4N324

제조업체부품명데이터시트상세설명
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com