전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3TT12ZCJF 데이터시트(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

부품명 3TT12ZCJF
상세설명  TRIACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
홈페이지  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3TT12ZCJF 데이터시트(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3TT12ZCJF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT12ZCJF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT12ZCJF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT12ZCJF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT12ZCJF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT12ZCJF Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT12ZCJF Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT12ZCJF Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT12ZCJF Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R
3TT12Z/C/J/F
版本:
201511H
4/9
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
Ptot- IT(RMS)
IT(RMS) - Tc
通态方均根电流
ITRMS(A)
管壳温度
Tc(℃)
ITSM - tp
IT(RMS)- ts
脉冲宽度
tp(ms)
冲击持续时间
ts(s)
IGT(Tj)/IGT(25℃) - Tj
VTM - IT
结温
Tj(℃)
通态压降
VTM(V)


유사한 부품 번호 - 3TT12ZCJF

제조업체부품명데이터시트상세설명
logo
JILIN SINO-MICROELECTRO...
3TT16C-O-C-N-B JSMC-3TT16C-O-C-N-B Datasheet
514Kb / 9P
   TRIACS
3TT16C-O-C-N-B JSMC-3TT16C-O-C-N-B Datasheet
539Kb / 10P
   TRIACS
3TT16C-O-C-N-B JSMC-3TT16C-O-C-N-B Datasheet
539Kb / 10P
   TRIACS
3TT16F JSMC-3TT16F Datasheet
539Kb / 10P
   TRIACS
3TT16F-O-F1-N-B JSMC-3TT16F-O-F1-N-B Datasheet
539Kb / 10P
   TRIACS
More results

유사한 설명 - 3TT12ZCJF

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com