전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7156BCPZ-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7156BCPZ-REEL
상세설명  2-Channel Capacitance Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7156BCPZ-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7156BCPZ-REEL Datasheet HTML 4Page - Analog Devices AD7156BCPZ-REEL Datasheet HTML 5Page - Analog Devices AD7156BCPZ-REEL Datasheet HTML 6Page - Analog Devices AD7156BCPZ-REEL Datasheet HTML 7Page - Analog Devices AD7156BCPZ-REEL Datasheet HTML 8Page - Analog Devices AD7156BCPZ-REEL Datasheet HTML 9Page - Analog Devices AD7156BCPZ-REEL Datasheet HTML 10Page - Analog Devices AD7156BCPZ-REEL Datasheet HTML 11Page - Analog Devices AD7156BCPZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD7156
Rev. 0 | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND 1
VDD 2
CIN2 3
CIN1 4
EXC2 5
SDA
10
SCL
9
OUT2
8
OUT1
7
EXC1
6
AD7156
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO
GND OR IT MUST BE ISOLATED (FLOATING).
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2
VDD
Power Supply Voltage. This pin should be decoupled to GND using a low impedance capacitor, such as a
0.1 μF X7R multilayer ceramic capacitor.
3
CIN2
CDC Capacitive Input Channel 2. The measured capacitance (sensor) is connected between the EXC2 pin and
the CIN2 pin. If not used, this pin can be left open circuit or be connected to GND. When a conversion is
performed on Channel 2, the CIN2 pin is internally connected to a high impedance input of the Σ-Δ
modulator. When a conversion is performed on the other channel or in idle mode
or power-down mode,
the CIN2 pin is internally disconnected and left floating by the part.
4
CIN1
CDC Capacitive Input Channel 1. The measured capacitance (sensor) is connected between the EXC1 pin and
the CIN1 pin. If not used, this pin can be left open circuit or be connected to GND. When a conversion is
performed on Channel 1, the CIN1 pin is internally connected to a high impedance input of the Σ-Δ
modulator. When a conversion is performed on the other channel or in idle mode
or power-down mode,
the CIN1 pin is internally disconnected and left floating by the part.
5
EXC2
CDC Excitation Output Channel 2. The measured capacitance is connected between the EXC2 pin and the
CIN2 pin. If not used, this pin should be left as an open circuit. When a conversion is performed on Channel 2,
the EXC2 pin is internally connected to the output of the excitation signal driver. When a conversion is per-
formed on the other channel or in idle mode or power-
down mode, the EXC2 pin is internally connected
to GND.
6
EXC1
CDC Excitation Output Channel 1. The measured capacitance is connected between the EXC1 pin and the
CIN1 pin. If not used, this pin should be left as an open circuit. When a conversion is performed on Channel 1,
the EXC1 pin is internally connected to the output of the excitation signal driver. When a conversion is per-
formed on the other channel or in idle mode or power-
down mode, the EXC1 pin is internally connected
to GND.
7
OUT1
Logic Output Channel 1. A high level on this output indicates proximity detected on CIN1.
8
OUT2
Logic Output Channel 2. A high level on this output indicates proximity detected on CIN2.
9
SCL
Serial Interface Clock Input. This pin connects to the master clock line and requires a pull-up resistor if not
provided elsewhere in the system.
10
SDA
Serial Interface Bidirectional Data. This pin connects to the master data line and requires a pull-up resistor if
not provided elsewhere in the system.


유사한 부품 번호 - AD7156BCPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7156BCPZ-REEL AD-AD7156BCPZ-REEL Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
AD7156BCPZ-REEL7 AD-AD7156BCPZ-REEL7 Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
More results

유사한 설명 - AD7156BCPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
logo
Analog Devices
AD7156 AD-AD7156 Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
logo
ON Semiconductor
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
logo
Linear Technology
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com