전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7877 데이터시트(PDF) 41 Page - Analog Devices

부품명 AD7877
상세설명  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7877 데이터시트(HTML) 41 Page - Analog Devices

Back Button AD7877_17 Datasheet HTML 37Page - Analog Devices AD7877_17 Datasheet HTML 38Page - Analog Devices AD7877_17 Datasheet HTML 39Page - Analog Devices AD7877_17 Datasheet HTML 40Page - Analog Devices AD7877_17 Datasheet HTML 41Page - Analog Devices AD7877_17 Datasheet HTML 42Page - Analog Devices AD7877_17 Datasheet HTML 43Page - Analog Devices AD7877_17 Datasheet HTML 44Page - Analog Devices AD7877_17 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
AD7877
Data Sheet
Register Name: DAC Register
Write Address: 1110
Read Address:
01110
Default Value:
0x008
Type:
Read/write
Table 21.
Bit
Name
Read/Write
Description
0
RANGE
R/W
Output range of the DAC in voltage mode
0 = 0 to VCC/2
1 = 0 to VCC
1
Not Used
R/W
This bit is not used
2
V/I
R/W
Voltage output and current output
0 = voltage
1 = current
3
PD
R/W
DAC power-down
0 = DAC on
1 = DAC powered down
4
DAC0
LSB of DAC data
5
DAC1
Bit 1 of DAC data
6
DAC2
Bit 2 of DAC data
7
DAC3
Bit 3 of DAC data
8
DAC4
Bit 4 of DAC data
9
DAC5
Bit 5 of DAC data
10
DAC6
Bit 6 of DAC data
11
DAC7
MSB of DAC data
Register Name: Y Position
Write Address: N/A
Read Address:
10000
Default Value:
0x000
Type:
Read only
This register contains the 12-bit result of the measurement at
the X+ input with Y layer excited (Y position measurement).
Register Name: X Position
Write Address: N/A
Read Address:
10001
Default Value:
0x000
Type:
Read only
This register contains the 12-bit result of the measurement at
the Y+ input with X layer excited (X position measurement).
Register Name: Z2
Write Address: N/A
Read Address:
10010
Default Value:
0x000
Type:
Read only
This register contains the 12-bit result of the measurement at
the Y− input with excitation voltage applied to Y+ and X− (used
for touch-pressure calculation).
Register Name: AUX1
Write Address: N/A
Read Address:
10011
Default Value:
0x000
Type:
Read only
This register contains the 12-bit result of the measurement at
Auxiliary Input 1.
Rev. E | Page 40 of 45


유사한 부품 번호 - AD7877_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7877 AD-AD7877_15 Datasheet
843Kb / 45P
   Touch Screen Controller
REV. D
More results

유사한 설명 - AD7877_17

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com