전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD73311L 데이터시트(PDF) 24 Page - Analog Devices

부품명 AD73311L
상세설명  Low Cost, Low Power CMOS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD73311L 데이터시트(HTML) 24 Page - Analog Devices

Back Button AD73311L_17 Datasheet HTML 20Page - Analog Devices AD73311L_17 Datasheet HTML 21Page - Analog Devices AD73311L_17 Datasheet HTML 22Page - Analog Devices AD73311L_17 Datasheet HTML 23Page - Analog Devices AD73311L_17 Datasheet HTML 24Page - Analog Devices AD73311L_17 Datasheet HTML 25Page - Analog Devices AD73311L_17 Datasheet HTML 26Page - Analog Devices AD73311L_17 Datasheet HTML 27Page - Analog Devices AD73311L_17 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
REV. A
AD73311L
–23–
The dc biasing of the analog input signal is accomplished with
an on-chip voltage reference. If the input signal is not biased at
the internal reference level (via REFOUT), it must be ac-coupled
with external coupling capacitors. CIN should be 0.1
µF or larger.
The dc biasing of the input can then be accomplished using
resistors to REFOUT as in Figures 27 through 29.
REFCAP
REFOUT
REFERENCE
0/38dB
PGA
OPTIONAL
BUFFER
0.1 F
VREF
AD73311L
VINP
VINN
VOUTP
VOUTN
+6/15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 26. Analog Input (DC-Coupled) Using External
Amplifiers
The AD73311L’s ADC inputs are biased about the internal
reference level (REFCAP level), therefore it may be neces-
sary to bias external signals to this level using the buffered
REFOUT level as the reference. This is applicable in either dc-
or ac-coupled configurations. In the case of dc coupling, the signal
(biased to REFOUT) may be applied directly to the inputs
(using amplifier bypass), as shown in Figure 25, or it may be
conditioned in an external op amp where it can also be biased
to the reference level using the buffered REFOUT signal as
shown in Figure 26.
In the case of ac-coupling, a capacitor is used to couple the
signal to the input of the ADC. The ADC input must be biased
to the internal reference (REFCAP) level which is done by
connecting the input to the REFOUT pin through a 10 k
resistor as shown in Figure 27.
CONTINUOUS
TIME
LOW-PASS
FILTER
REFOUT
REFERENCE
VREF
REFCAP
0.1 F
10k
VOUTP
VOUTN
VINP
0.047 F
100
0.1 F
10k
VINN
0.047 F
100
0.1 F
0/38dB
PGA
AD73311L
+6/–15dB
PGA
Figure 27. Analog Input (AC-Coupled) Differential
If the ADC is being connected in single-ended mode, the
AD73311L should be programmed for single-ended mode using
the SEEN and INV bits of CRF, and the inputs connected as
shown in Figure 28. When operated in single-ended input mode,
the AD73311L can multiplex one of the two inputs to the ADC
input, as shown in Figures 28 and 29.
CONTINUOUS
TIME
LOW-PASS
FILTER
REFOUT
REFERENCE
0/38dB
PGA
VREF
REFCAP
0.1 F
VINN
VINP
0.047
F
100
0.1 F
VOUTP
VOUTN
10k
AD73311L
+6/–15dB
PGA
Figure 28. Analog Input (AC-Coupled) Single-Ended
CONTINUOUS
TIME
LOW-PASS
FILTER
REFOUT
REFERENCE
0/38dB
PGA
VREF
REFCAP
0.1 F
VINN
VINP
0.047
F
100
0.1 F
VOUTP
VOUTN
10k
AD73311L
+6/15dB
PGA
Figure 29. Analog Input (AC-Coupled) Single-Ended
(Alternate Input)
Interfacing to an Electret Microphone
Figure 30 details an interface for an electret microphone which
may be used in some voice applications. Electret microphones
typically feature a FET amplifier whose output is accessed on
the same lead that supplies power to the microphone; therefore,
this output signal must be capacitively coupled to remove the
power supply (dc) component. In this circuit the AD73311L
input channel is being used in single-ended mode where the
internal inverting amplifier provides suitable gain to scale the
input signal relative to the ADC’s full-scale input range. The
buffered internal reference level at REFOUT is used via an
external buffer to provide power to the electret microphone.
This provides a quiet, stable supply for the microphone. If this
is not a concern, the microphone can be powered from the
system power supply.


유사한 부품 번호 - AD73311L_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
More results

유사한 설명 - AD73311L_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8436 AD-AD8436 Datasheet
760Kb / 20P
   Low Cost, Low Power
REV. 0
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com