전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD73322 데이터시트(PDF) 22 Page - Analog Devices

부품명 AD73322
상세설명  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD73322 데이터시트(HTML) 22 Page - Analog Devices

Back Button AD73322_17 Datasheet HTML 18Page - Analog Devices AD73322_17 Datasheet HTML 19Page - Analog Devices AD73322_17 Datasheet HTML 20Page - Analog Devices AD73322_17 Datasheet HTML 21Page - Analog Devices AD73322_17 Datasheet HTML 22Page - Analog Devices AD73322_17 Datasheet HTML 23Page - Analog Devices AD73322_17 Datasheet HTML 24Page - Analog Devices AD73322_17 Datasheet HTML 25Page - Analog Devices AD73322_17 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD73322
–21–
REV. B
Table XIV. Control Register A Description
CONTROL REGISTER A
7
6543210
T
E
S
E
R2
C
D1
C
D0
C
DB
L
SB
L
DM
M
/
A
T
A
D
M
G
P
Bit
Name
Description
0
DATA/PGM
Operating Mode (0 = Program; 1 = Data Mode)
1
MM
Mixed Mode (0 = Off; 1 = Enabled)
2
DLB
Digital Loop-Back Mode (0 = Off; 1 = Enabled)
3
SLB
SPORT Loop-Back Mode (0 = Off; 1 = Enabled)
4
DC0
Device Count (Bit 0)
5
DC1
Device Count (Bit 1)
6
DC2
Device Count (Bit 2)
7
RESET
Software Reset (0 = Off; 1 = Initiates Reset)
Table XV. Control Register B Description
CONTROL REGISTER B
76
543
21
0
CEE
MCD2
MCD1
MCD0
SCD1
SCD0
DIR1
DIR0
Bit
Name
Description
0
DIR0
Decimation/Interpolation Rate (Bit 0)
1
DIR1
Decimation/Interpolation Rate (Bit 1)
2
SCD0
Serial Clock Divider (Bit 0)
3
SCD1
Serial Clock Divider (Bit 1)
4
MCD0
Master Clock Divider (Bit 0)
5
MCD1
Master Clock Divider (Bit 1)
6
MCD2
Master Clock Divider (Bit 2)
7
CEE
Control Echo Enable (0 = Off; 1 = Enabled)
Table XVI. Control Register C Description
CONTROL REGISTER C
76
543
21
0
5VEN
RU
PUREF
PUDAC
PUADC
PUIA
PUAGT
PU
Bit
Name
Description
0
PU
Power-Up Device (0 = Power-Down; 1 = Power On)
1
PUAGT
Analog Gain Tap Power (0 = Power-Down; 1 = Power On)
2
PUIA
Input Amplifier Power (0 = Power-Down; 1 = Power On)
3
PUADC
ADC Power (0 = Power-Down; 1 = Power On)
4
PUDAC
DAC Power (0 = Power-Down; 1 = Power On)
5
PUREF
REF Power (0 = Power-Down; 1 = Power On)
6
RU
REFOUT Use (0 = Disable REFOUT; 1 = Enable REFOUT)
7
5VEN
Enable 5 V Operating Mode (0 = Disable 5 V Mode;
1 = Enable 5 V Mode)


유사한 부품 번호 - AD73322_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results

유사한 설명 - AD73322_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com