전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD73322LAR 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD73322LAR
상세설명  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD73322LAR 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD73322LAR Datasheet HTML 4Page - Analog Devices AD73322LAR Datasheet HTML 5Page - Analog Devices AD73322LAR Datasheet HTML 6Page - Analog Devices AD73322LAR Datasheet HTML 7Page - Analog Devices AD73322LAR Datasheet HTML 8Page - Analog Devices AD73322LAR Datasheet HTML 9Page - Analog Devices AD73322LAR Datasheet HTML 10Page - Analog Devices AD73322LAR Datasheet HTML 11Page - Analog Devices AD73322LAR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
AD73322L
Rev. A | Page 7 of 48
SIGNAL RANGES
Table 3.
Mnemoic
Description
Range
VREFCAP
1.2 V ± 10%
VREFOUT
1.2 V ± 10%
ADC
Maximum input range at VIN
1.578 V p-p
Nominal reference level
1.0954 V p-p
DAC
Maximum voltage output swing
Single-Ended
1.578 V p-p
Differential
3.156 V p-p
Nominal voltage output swing
Single-Ended
1.0954 V p-p
Differential
2.1909 V p-p
Output bias voltage
VREFOUT
TIMING CHARACTERISTICS
AVDD = 3 V ± 10%; DVDD = 3 V ± 10%; AGND = DGND = 0 V; TA = TMlN to TMAX, unless otherwise noted.
Table 4.
Parameter
Limit at TA = −40°C to +105°C
Unit
Description
Clock Signals
See Figure 2
t1
61
ns min
MCLK period
t2
24.4
ns min
MCLK width high
t3
24.4
ns min
MCLK width low
Serial Port
See Figure 4 and Figure 5
t4
t1
ns min
SCLK period
t5
0.4 × t1
ns min
SCLK width high
t6
0.4 × t1
ns min
SCLK width low
t7
20
ns min
SDI/SDIFS setup before SCLK low
t8
0
ns min
SDI/SDIFS hold after SCLK low
t9
10
ns max
SDOFS delay from SCLK high
t10
10
ns min
SDOFS hold after SCLK high
t11
10
ns min
SDO hold after SCLK high
t12
10
ns max
SDO delay from SCLK high
t13
30
ns max
SCLK delay from MCLK


유사한 부품 번호 - AD73322LAR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73322LAR AD-AD73322LAR Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322LARU AD-AD73322LARU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

유사한 설명 - AD73322LAR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com