전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD74111 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD74111
상세설명  Low Cost, Low Power Mono Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD74111 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD74111 Datasheet HTML 5Page - Analog Devices AD74111 Datasheet HTML 6Page - Analog Devices AD74111 Datasheet HTML 7Page - Analog Devices AD74111 Datasheet HTML 8Page - Analog Devices AD74111 Datasheet HTML 9Page - Analog Devices AD74111 Datasheet HTML 10Page - Analog Devices AD74111 Datasheet HTML 11Page - Analog Devices AD74111 Datasheet HTML 12Page - Analog Devices AD74111 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
REV. 0
–8–
AD74111
FUNCTIONAL DESCRIPTION
General Description
The AD74111 is a 2.5 V mono codec. It comprises an ADC and
DAC channel with single-ended input and output. The ADC
has a programmable gain stage and the DAC has programmable
volume control. Each of these sections is described in further
detail below. The AD74111 is controlled by means of a flexible
serial port (SPORT) that can be programmed to accommodate
many industry standard DSPs and microcontrollers. The AD74111
can be set to operate as a master or slave device. The AD74111
can be set to operate with sample rates of 8 kHz to 48 kHz,
depending on the values of MCLK and the MCLK prescalers.
On-chip digital filtering is provided as part of the DAC and
ADC channels with a low group delay option to reduce the delays
through the filters when operating at lower sample rates. Figure 4
shows a block diagram of the DAC and ADC channel in the
AD74111. Figures 5a and 5b show block diagrams of the filter
arrangements of the ADC and DAC filters.
ADC Section
The AD74111 contains a multibit sigma-delta ADC. The ADC
has a single input pin with additional pins for decoupling/filter
capacitors. The ADC channel has an independent input amplifier
gain stage that can be programmed in steps of 3 dB, from 0 dB
to 12 dB. The input amplifier gain settings are set by program-
ming the appropriate bits in Control Register E. The ADC can
also be muted under software control. The AD74111 input
channel employs a multibit sigma-delta conversion technique that
provides a high resolution output with system filtering imple-
mented on-chip. Sigma-delta converters employ a technique
known as oversampling, where the sampling rate is many times
the highest frequency of interest. In the case of the AD74111,
the oversampling ratio is 64 and a decimation filter is used to
reduce the output to standard sample rates. The maximum sample
rate is 48 kHz.
DAC
DATA
16-/20-/24-
BITS
5 BITS
/4
PRESCALERS
(/1 to /12)
-
ADC
MODULATOR
SINC FILTER
(/8)
DECIMATOR
(/8)
MCLK
ADC
DATA
16-/20-/24-
BITS
ADC
INPUT
ADC MODULATOR
CLOCK
DAC O/P
DAC MODULATOR
CLOCK
/2
-
DAC
MODULATOR
INTERPOLATOR
(
16)
INTERPOLATOR
(
8)
Figure 4. ADC and DAC Engine
SAMPLE RATE – kHz
54
84
48
16
24
40
58
62
66
70
74
78
32
TPC 7. ADC THD+N vs. Sample Rate
SAMPLE RATE – kHz
78
848
16
24
40
80
82
84
86
88
90
32
TPC 8. DAC THD+N vs. Sample Rate


유사한 부품 번호 - AD74111

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRU AD-AD74111YRU Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRU AD-AD74111YRU Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results

유사한 설명 - AD74111

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
   Low Power Mono Audio CODEC
logo
Shenzhen X-Powers Techn...
AC102 XPOWER-AC102 Datasheet
462Kb / 2P
   High Performance and Low Power Mono Audio CODEC
logo
Texas Instruments
TLV320AIC3109-Q1 TI1-TLV320AIC3109-Q1 Datasheet
909Kb / 111P
[Old version datasheet]   Automotive, Low-Power, 96-kHz, Mono Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com