전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM85-5021-25-1048 데이터시트(PDF) 1 Page - Willow Technologies Ltd

부품명 DM85-5021-25-1048
상세설명  pcb power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLOW [Willow Technologies Ltd]
홈페이지  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM85-5021-25-1048 데이터시트(HTML) 1 Page - Willow Technologies Ltd

  DM85-5021-25-1048 Datasheet HTML 1Page - Willow Technologies Ltd DM85-5021-25-1048 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ref: DM85 Inrush 090313JHM
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DM85 inrush
pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 N/O)
Contact material
AgSnO
2
Max. switching voltage
AC/DC 440VAC
Max. breaking capacity
AC1 4000VA
Min. switching current / voltage
10mA/10VDC
Max. inrush current
80A (20ms)
Rated load
AC1 16A, 250VAC (600 ops/hr)
AC15 3A, 120V / 1.5A, 240V (B300)
AC3 750W (single phase motor)
DC1 16A, 24VDC
DC13 0.22A, 120V / 0.1A, 250V (R300)
Initial resistance
≤ 100mΩ, max. at 0.1A/24VDC
Coil
Rated voltage
DC 3...110V
Must release voltage
DC ≥ 0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 0.4...0.48mW
Insulation (EN 60664-1)
Insulation rated voltage
AC 400VAC
Rated surge voltage
4000V 1.2 / 50 μs
Overvoltage category
III
Insulation pollution degree
3
Dielectric strength
coil to contact 5000Vrms, 1min
contact to contact 1000Vrms, 1min
Contact - coil distance
clearance ≥10mm
creepage ≥10mm
General Data
Operating/release time (typical)
mS ≤ 8ms/3ms
Electrical Life
ops >105 (16A 250VAC) (AC1 / DC1 @ 600 ops/hr)
Mechanical life
ops ≥ 3 x 107 (72000 ops/hr)
Dimensions
L x W x H 29 x 12.7 x 15.7mm
Weight
14g
Ambient temperature
storage -40 to 85°C
operating -40 to 85°C
Shock resistance
30g
Vibration resistance
10g 10~150Hz
• miniature pcb power relay
• Up to 80A inrush (20ms)
• AgSnO
2 contacts
• RoHS Compliant
Specifications are subject to change without notice. E&OE.
E305753


유사한 부품 번호 - DM85-5021-25-1048

제조업체부품명데이터시트상세설명
logo
Willow Technologies Ltd
DM85-2011-25-5012 WILLOW-DM85-2011-25-5012 Datasheet
108Kb / 4P
   industrial relays
DM85-2011-25-5024 WILLOW-DM85-2011-25-5024 Datasheet
108Kb / 4P
   industrial relays
DM85-2011-25-5048 WILLOW-DM85-2011-25-5048 Datasheet
108Kb / 4P
   industrial relays
DM85-2011-25-5060 WILLOW-DM85-2011-25-5060 Datasheet
108Kb / 4P
   industrial relays
DM85-2011-25-5110 WILLOW-DM85-2011-25-5110 Datasheet
108Kb / 4P
   industrial relays
More results

유사한 설명 - DM85-5021-25-1048

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com