전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM87P-3011-35-5048 데이터시트(PDF) 3 Page - Willow Technologies Ltd

부품명 DM87P-3011-35-5048
상세설명  industrial relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLOW [Willow Technologies Ltd]
홈페이지  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM87P-3011-35-5048 데이터시트(HTML) 3 Page - Willow Technologies Ltd

  DM87P-3011-35-5048 Datasheet HTML 1Page - Willow Technologies Ltd DM87P-3011-35-5048 Datasheet HTML 2Page - Willow Technologies Ltd DM87P-3011-35-5048 Datasheet HTML 3Page - Willow Technologies Ltd DM87P-3011-35-5048 Datasheet HTML 4Page - Willow Technologies Ltd DM87P-3011-35-5048 Datasheet HTML 5Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DM87
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 3 of 5
DM87N, DM87N sensitive
DM87L
DM87P
DM87N
1C/O
DM87N
1NO
DM87L
1C/O
DM87L
1NO
DM87P
1C/O
DM87P
1NO
DM87N sensitive
1C/O
DM87N sensitive
1NO
Fig. 1
12(3); 11(4);
14(5)
A1(1); A2(2)
Terminal (pin)
Drilling hole:
• for relays
• for sockets
Ø 1.3 + 0.1 mm
Ø 1.5 + 0.1 mm
[mm]
Ø 0.6
0.5 x 0.9
Dimensions
Connections diagram (pin side view)
14 (5)
14 (5)
12 (3)
11 (4)
11 (4)
A2 (2)
A2 (2)
A1 (1)
A1 (1)
14 (5)
14 (5)
12 (3)
11 (4)
11 (4)
A2 (2)
A2 (2)
A1 (1)
A1 (1)
14 (5)
14 (5)
12 (3)
11 (4)
11 (4)
A2 (2)
A2 (2)
A1 (1)
A1 (1)
14 (5)
14 (5)
12 (3)
11 (4)
11 (4)
A2 (2)
A2 (2)
A1 (1)
A1 (1)
3.5
3.5
515
15
16.5
29
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8 3.0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
5
55
Electrical life reduction factor
at AC inductive load
Power factor
Fig. 2


유사한 부품 번호 - DM87P-3011-35-5048

제조업체부품명데이터시트상세설명
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
logo
National Semiconductor ...
DM87S181 NSC-DM87S181 Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AJ NSC-DM87S181AJ Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AN NSC-DM87S181AN Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181J NSC-DM87S181J Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
More results

유사한 설명 - DM87P-3011-35-5048

제조업체부품명데이터시트상세설명
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com