전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL14L 데이터시트(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

부품명 SL14L
상세설명  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SL14L 데이터시트(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SL14L Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SL14L Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-S397
Rev. 1.0, 11-May-15
SL14L THRU SL110L
肖特基二极管Schottky Rectifier
■特征
Features
■外形尺寸 Outline Dimensions and Mark
Io
1.0A
VRRM
40V~100V
低正向电压,低功耗
Low VF,Low power loss
耐正向浪涌电流能力高
High surge forward current capability
用途
Applications
整流用
Rectifier
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
SL1
4L
6L
10L
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
40
60
100
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz正弦半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
1.0
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
28
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55 ~+150
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
SL1
4L
6L
10L
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=1.0A
0.4
0.55
0.6
反向峰值电流
Peak Reverse Current
IRRM
mA
VRM=VRRM , Ta=25℃
0.5
热阻
Thermal Resistance
RθJ-L
/W
结和引线之间
Between junction and lead
15
Dimensions in inches and (millimeters)
SOD-123HE
.035(0.90)
.028(0.70)
.008(0.20)
.004(0.10)
.075(1.90)
.067(1.70)
.002(0.05)
.001(0.02)
.043(1.10)
.035(0.90)
COMPLIANT
RoHS


유사한 부품 번호 - SL14L

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SL14 PANJIT-SL14 Datasheet
50Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Guangdong Juxing Electr...
SL14 JUXING-SL14 Datasheet
992Kb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
Transys Electronics
SL14 TRSYS-SL14 Datasheet
156Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL14 BILIN-SL14 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SL14 FORMOSA-SL14 Datasheet
67Kb / 2P
   Silicon epitaxial planer type
More results

유사한 설명 - SL14L

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com