전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55B9V1 데이터시트(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

부품명 BZX55B9V1
상세설명  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BZX55B9V1 데이터시트(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  BZX55B9V1 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BZX55B9V1 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BZX55B9V1 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BZX55B9V1 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd BZX55B9V1 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0242
Rev. 1.0, 22-Sep-11
BZX55 SERIES
■特性曲线(典型) Characteristics(Typical)
0
200
0
Tamb(℃)
1:总功率损耗与环境温度关系
FIG1: Total Power Dissipation vs. Ambient Temperature
600
300
40
80
120
160
100
200
400
500
025
1
Vz(V)
3:工作电压在工作条件Tamb=25度下的典型变化
FIG3:Typical Change of Working Voltage under
Operating Conditions at Tamb=25℃
1000
10
100
5
10
15
20
Tj=25℃
Iz=5mA
-60
180
0.8
Tj(
)
4:工作电压 的典型变化与 结温的关系
FIG4: Typical Change of W orking Voltage vs.
Junction Temperature
1.3
60
0120
1.2
1.1
1.0
0.9
240
-4× 10-4/K
Vztn=Vzt/Vz(25
)
-4× 10-4/K
0
2×10-4/K
4×10-4/K
6×10-4/K
8×10-4/K
-4× 10-4/K
TKvz=10×10-4/K
0
20
0
L(mm)
2:热阻与引线长度关系
FIG2: Thermal Resistance vs. Lead Length
500
10
515
400
300
200
100
TL=constant
0
40
-5
Vz(V)
5: 温度系数与齐纳电压的关系
FIG 5: Tem perature C oefficient of Vz vs. Z-voltage
15
20
10
30
10
5
0
50
0
0.8
0.001
VF(V)
6:正 向电流与 正向电压 的关系
FIG 6: Forw ard C urrent vs. Forw ard Voltage
100
0.4
0.2
0.6
10
1.0
0.1
0.01
1.0
Tj=25℃


유사한 부품 번호 - BZX55B9V1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55B9V1 VISHAY-BZX55B9V1 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B9V1 NJSEMI-BZX55B9V1 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B9V1 VISHAY-BZX55B9V1 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B9V1 TSC-BZX55B9V1 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B9V1 EIC-BZX55B9V1 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

유사한 설명 - BZX55B9V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com