전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA4764A 데이터시트(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

부품명 SMA4764A
상세설명  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMA4764A 데이터시트(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SMA4764A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMA4764A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMA4764A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S093
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SMA47 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
产品型号
Part Number
额定齐纳电压
Nominal
Zener voltage
测试电流
Test
current
最大动态阻抗
Maximum dynamic impedance
resistance
最大反向漏电流
Maximum reverse leakage current
最大浪涌电流
Max Surge
current
VZ
(1)at I
ZT
IZT
ZZT at IZT
ZZK at IZK
IZK
IR
Test voltage VR
IRM
(2)
V
mA
Ω
Ω
mA
μA
V
mA
SMA4728A
3.3
76
10
400
1
100
1
1380
SMA4729A
3.6
69
10
400
1
100
1
1260
SMA4730A
3.9
64
9
400
1
50
1
1190
SMA4731A
4.3
58
9
400
1
10
1
1070
SMA4732A
4.7
53
8
500
1
10
1
970
SMA4733A
5.1
49
7
550
1
10
1
890
SMA4734A
5.6
45
5
600
1
10
2
810
SMA4735A
6.2
41
2
700
1
10
3
730
SMA4736A
6.8
37
3.5
700
1
10
4
660
SMA4737A
7.5
34
4
700
0.5
10
5
605
SMA4738A
8.2
31
4.5
700
0.5
10
6
550
SMA4739A
9.1
28
5
700
0.5
10
7
500
SMA4740A
10
25
7
700
0.25
10
7.6
454
SMA4741A
11
23
8
700
0.25
5
8.4
414
SMA4742A
12
21
9
700
0.25
5
9.1
380
SMA4743A
13
19
10
700
0.25
5
9.9
344
SMA4744A
15
17
14
700
0.25
5
11.4
304
SMA4745A
16
15.5
16
700
0.25
5
12.2
285
SMA4746A
18
14
20
750
0.25
5
13.7
250
SMA4747A
20
12.5
22
750
0.25
5
15.2
225
SMA4748A
22
11.5
23
750
0.25
5
16.7
205
SMA4749A
24
10.5
25
750
0.25
5
18.2
190
SMA4750A
27
9.5
35
750
0.25
5
20.6
170
SMA4751A
30
8.5
40
1000
0.25
5
22.8
150
SMA4752A
33
7.5
45
1000
0.25
5
25.1
135
SMA4753A
36
7
50
1000
0.25
5
27.4
125
SMA4754A
39
6.5
60
1000
0.25
5
29.7
115
SMA4755A
43
6
70
1500
0.25
5
32.7
110
SMA4756A
47
5.5
80
1500
0.25
5
35.8
95
SMA4757A
51
5
95
1500
0.25
5
38.8
90
SMA4758A
56
4.5
110
2000
0.25
5
42.6
80
SMA4759A
62
4
125
2000
0.25
5
47.1
70
SMA4760A
68
3.7
150
2000
0.25
5
51.7
65
SMA4761A
75
3.3
175
2000
0.25
5
56
60
SMA4762A
82
3.0
200
3000
0.25
5
62.2
55
SMA4763A
91
2.8
250
3000
0.25
5
69.2
50
SMA4764A
100
2.5
350
3000
0.25
5
76.0
45
备注:Notes:
(1) 基于直流测试热平衡状态
Based on dc-measurement at thermal equilibrium
(2) 浪涌电流是不重复的,为8.3毫秒脉宽方形或等效正弦波叠加在IZT的每种JEDEC方法
Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per
JEDEC method


유사한 부품 번호 - SMA4764A

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
SMA4764A YANGJIE-SMA4764A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4764A RFE-SMA4764A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4764A FORMOSA-SMA4764A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4764A SOCAY-SMA4764A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4764A SOCAY-SMA4764A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
More results

유사한 설명 - SMA4764A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com