전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB2EZ160 데이터시트(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

부품명 SMB2EZ160
상세설명  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMB2EZ160 데이터시트(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  SMB2EZ160 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMB2EZ160 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMB2EZ160 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMB2EZ160 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-S101
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SMB2EZ SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
产品型号
Part Number
印字代码
Marking Code
额定齐纳电压
Nominal
Zener voltage
测试电流
Test
current
最大动态阻抗
Maximum dynamic impedance
resistance
最大反向漏电流
Maximum reverse leakage current
最大浪涌电流
Max Surge
current
VZ
(1)at IZT
IZT
ZZT at IZT
ZZK at IZK
IZK
IR
Test voltage VR
IRM
(2)
V
mA
Ω
Ω
mA
μ
A
V
mA
SMB2EZ190
2G2
190.0
2.6
825.0
8000
0.25
0.5
144.8
10.0
SMB2EZ200
2G3
200.0
2.5
1900.0
9990
0.25
0.5
152.0
9.0
SMB2EZ220
2G4
220.0
2.0
2000.0
8500
0.25
0.5
167.0
8.0
SMB2EZ270
2G5
270.0
1.6
2200.0
8500
0.25
0.5
205.0
6.7
SMB2EZ300
2G6
300.0
1.5
2200.0
9000
0.25
0.5
228.0
5.9
SMB2EZ330
2G7
330.0
1.4
2300.0
9000
0.25
0.5
250.0
5.4
备注:Notes:
(1) 基于直流测试热平衡状态 
Based on dc-measurement at thermal equilibrium
(2) 浪涌电流是不重复的,为8.3毫秒脉宽方形或等效正弦波叠加在I
ZT的每种JEDEC方法
Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per
JEDEC method


유사한 부품 번호 - SMB2EZ160

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMB2EZ160D5 SECOS-SMB2EZ160D5 Datasheet
264Kb / 4P
   2.0 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB2EZ160D5 ANOVA-SMB2EZ160D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
More results

유사한 설명 - SMB2EZ160

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com