์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LB26RGW01-BJ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 18 Page - Nihon Kaiheiki Industry Co. Ltd.

๋ถ€ํ’ˆ๋ช… LB26RGW01-BJ
์ƒ์„ธ๋‚ด์šฉ  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ํ™ˆํŽ˜์ด์ง€  http://www.nkkswitches.com
Logo 

LB26RGW01-BJ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 18 Page - Nihon Kaiheiki Industry Co. Ltd.

 
Zoom Inzoom in Zoom Outzoom out
/ 20 page
 18 / 20 page
background image
Series LB
Standard Size Panel Seal Pushbuttons
D65
D
www.nkkswitches.com
CAP TYPES & COLOR COMBINATIONS
Cap for Super Bright LEDs
Clear Lens
White Diffuser
JB
Material:
Polycarbonate
Finish: Glossy
LEDs
AT625
AT631
AT632
AT4131
Transparent
Clear Lens
Translucent
Colored Diffuser
OPTIONAL ACCESSORIES
AT9410 Splash Cover for Panel Seal
Materials:
Lid: PVC (loses pliability below 0ยฐC/32ยฐF)
Base: Polyethylene
O-ring: NBR
Recommended Panel Thickness:
.039โ€ ~ .138โ€ (1.0mm ~ 3.5mm)
TYPICAL SWITCH DIMENSIONS
Single & Double Pole
Panel Seal
Single pole models do not have terminals 4, 5, & 6.
LB25WKW01-12-JC
(19.0) Dia
.748
(25.0) Dia
.984
(21.5)
.846
(12.0)
.472
(5.5)
.217
M22 P1
(0.5) Typ
.020
(1.2) x (2.0) Typ
.047 x .079
(2.54) Typ
.100
(7.5)
.295
(3.2)
.126
(1.8)
.071
Latchdown Position
(1.0)
.039
L (+)
3
6
2
5
4
1
L (-)
(15.8) Sq
.622
NC
NO
COM
(2.8) Typ
.110
(5.08) Typ
.200
Keyway
Lid
Base
O-ring Supplied with
Panel Seal Switch
O-ring Supplied with
AT9410 Splash Cover
(10.6)
.417
(1.6)
.063
(23.0) Dia
.906
(7.8)
.307
(3.0)
.118
(21.0) Dia
.827
(31.3) Dia
1.232
(0.5)
.020
(22.0) Dia
.866
(31.3) Dia
1.232
(19.0) Dia
.748
(5.1)
.201


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn