전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ54CA 데이터시트(PDF) 6 Page - Yangzhou yangjie electronic co., ltd

부품명 SMAJ54CA
상세설명  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ54CA 데이터시트(HTML) 6 Page - Yangzhou yangjie electronic co., ltd

  SMAJ54CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ54CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ54CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ54CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ54CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ54CA Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ54CA Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMAJ SERIES 
 
6 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
■ Outline Dimensions
DO-214AC(SMA)
Dim
Min
Max
A
1.25
1.58
B
2.40
2.83
C
4.25
4.75
D
1.90
2.30
E
4.93
5.28
F
0.76
1.41
G
0.08
0.20
H
0.15
0.31
■ Suggested Pad Layout
Dim
Min
P1
5.58
P2
1.66
Q1 
1.96
Q2 
2.04
Dimensions in millimeters
DO-214AC(SMA)
A
B
C
D
E
F
H
G
Dimensions in millimeters
P2
Q2
Q1
P1


유사한 부품 번호 - SMAJ54CA

제조업체부품명데이터시트상세설명
logo
Bytes
SMAJ54CA BYTES-SMAJ54CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ54CA DIODES-SMAJ54CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ54CA PACELEADER-SMAJ54CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
SMAJ54CA SIPOWER-SMAJ54CA Datasheet
917Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ54CA SOCAY-SMAJ54CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ54CA

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com