전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G081PU210W 데이터시트(PDF) 2 Page - Roithner LaserTechnik GmbH

부품명 G081PU210W
상세설명  Laser Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G081PU210W 데이터시트(HTML) 2 Page - Roithner LaserTechnik GmbH

  G081PU210W Datasheet HTML 1Page - Roithner LaserTechnik GmbH G081PU210W Datasheet HTML 2Page - Roithner LaserTechnik GmbH G081PU210W Datasheet HTML 3Page - Roithner LaserTechnik GmbH G081PU210W Datasheet HTML 4Page - Roithner LaserTechnik GmbH G081PU210W Datasheet HTML 5Page - Roithner LaserTechnik GmbH G081PU210W Datasheet HTML 6Page - Roithner LaserTechnik GmbH G081PU210W Datasheet HTML 7Page - Roithner LaserTechnik GmbH G081PU210W Datasheet HTML 8Page - Roithner LaserTechnik GmbH G081PU210W Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
02.04.2012
Manual G081PU Series
2 of 10
1 Introduction
Thank you for choosing this high power fiber coupled Laser Diode for your application.
Please read that manual carefully before using this product. If there is any question about
this manual, please contact us.
The 808nm series high power fiber coupled Laser Diodes with optimized QW structure
have a high reliability, high performance. The MOCVD technical is used for epitaxy to get a
high quality epi-wafer. The 808nm series high power fiber coupled Laser Diode module
can get up to 25W multimode fiber coupled output at CW and N.A. 0.12 & 0.22. It can be
applied in a wide field such as laser pumps, medical, target designator, free-space
communication.


유사한 부품 번호 - G081PU210W

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
G081PU210W ROITHNER-G081PU210W Datasheet
303Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
More results

유사한 설명 - G081PU210W

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-01-C3 ROITHNER-APCD-850-01-C3 Datasheet
125Kb / 2P
   Infrared diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
C2021-E1 ROITHNER-C2021-E1 Datasheet
341Kb / 2P
   infrared diode laser module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com