전자부품 데이터시트 검색엔진 |
|
LB16CGG01-12CJ 데이터시트(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB16CGG01-12CJ 데이터시트(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 20 page Series LB Standard Size Snap-in Pushbuttons D52 D www.nkkswitches.com Epoxy Seal (2.0) .079 (2.8) .110 (1.2) .047 Thk = (0.5) .020 (7.5) .295 The electrical specifications shown are determined at a basic temperature of 25°C. Lamp circuit is isolated and requires external power source. Recommended Resistors for Neon: 33K ohms for 110V AC; 100K ohms for 220V AC * Housing Colors Available: SHAPES & PANEL CUTOUTS CONTACT MATERIALS, RATINGS & TERMINALS S .622” (15.8mm) Square Silver Contacts Gold Contacts W01 G01 R * When in latchdown position for the alternate circuit, cap position is .039” (1.0mm) above the built-in bezel. C .854” (21.7mm) Round .622” x .866” (15.8mm x 22.0mm) Rectangular HOUSING K Power Level 3A @ 125V AC & 250V AC Logic Level 0.4VA max. @ 28V AC/DC max. Solder Lug/Quick Connect (16.2) Sq .638 (22.0) Dia .866 (11.5) .453 (1.5) R .059 (22.4) .882 (16.2) .638 Cutout for 1 switch: .638” x .638” (16.2mm x 16.2mm) Cutout for 1 switch with barriers: .638” x .815” (16.2mm x 20.7mm) Cutout for 1 switch: .638” x .882” (16.2mm x 22.4mm) Cutout for 1 switch with barriers: .638” x 1.059” (16.2mm x 26.9mm) Panel Thickness for Switches & Barriers: .039” ~ .157” (1.0 ~ 4.0mm) Panel Thickness for Protective Guards & Splash Covers: .039” ~ .138” (1.0 ~ 3.5mm) Black Gray G Complete explanation of operating range in Supplement section. Plunger Position ( ) = Momentary Connected Terminals Throw & Switch/Lamp Schematics Pole Model Normal Down Normal Down Notes: Switch is marked with NC, NO, COM, L+, L–. Lamp circuit is isolated and requires an external power source. SP LB15 *LB16 ON ON (ON) ON 1-3 1-2 SPDT DP LB25 *LB26 ON ON (ON) ON 1-3 4-6 1-2 4-5 DPDT POLES & CIRCUITS L (+) (-) L L (+) (-) L 1 32 COM NO NC 4 6 1 32 5 COM COM NC NC NO NO Voltage V 5V AC 12V AC 110V AC Current I 115mA 60mA 1.5mA Endurance Hours 10,000 10,000 Ambient Temp. Range –25°C ~ +50°C 05 12 T-1 Bi-pin AT607 & AT607N AT607 Incandescent 5-volt or 12-volt; AT607N Neon 110-volt INCANDESCENT & NEON LAMP CODES & SPECIFICATIONS 01 * Avg. Optional PCB adaptors AT711 & AT712 available; illustrated in “Optional Accessories” immediately following “Typical Switch Dimensions.” |
유사한 부품 번호 - LB16CGG01-12CJ |
|
유사한 설명 - LB16CGG01-12CJ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |