전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB25CKW01-EJ 데이터시트(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 LB25CKW01-EJ
상세설명  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB25CKW01-EJ 데이터시트(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button LB25CKW01-EJ Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D58
D
www.nkkswitches.com
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)
OPTIONAL ACCESSORIES
Protective Guard
AT4057
Rectangular
Protective Guard
Opens 90°
Closes manually
Spring Loaded Protective Guard
AT4172
Rectangular
Protective Guard
(26.6)
1.047 (N)
(16.2)
.638
(39.0) Min*
1.535
(N) = Number of switches
AT4172
(10.5)
.413
(20.5)
.807
(22.4)
.882
(26.6)
1.047
* Minimum dimension allows opening of cover to 180°
(24.1)
.949
(20.4)
.803
(17.9)
.705
(7.1)
.280
180°
(7.5)
.295
Cap Height
When
Assembled
(24.6)
.969
(26.6)
1.047
(10.5)
.413
(20.5)
.807
(21.0) Dia
.827
Cap Height
When
Assembled
(7.3)
.287
(2.5)
.098
(21.8) Dia
.858
(30.0) Dia
1.181
(24.0) Sq
.945
(16.5)
.650
(16.5)
.650
(24.0)
.945
(22.7)
.894
(30.2)
1.189
Materials: PVC with polyethylene gasket; PVC loses pliability below 0°C (32°F). Dust Covers reduce depth of switch behind panel by .020” (0.5mm).
AT4002
Round
AT4001
Square
AT4011
Rectangular
Dust Covers
Material: Polyamide
Protective Guards reduce depth of switch behind panel by .020” (0.5mm).
(26.0)
1.024
(10.0)
.394
(24.15)
.951
(21.0)
.827
(14.0)
.551
(8.0)
.315
Cap Height
When
Assembled
(15.0) Sq
.591
(2.5)
.098
(7.3)
.287
Cap Height
When
Assembled


유사한 부품 번호 - LB25CKW01-EJ

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
LB25CKW01-E NKK-LB25CKW01-E Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

유사한 설명 - LB25CKW01-EJ

제조업체부품명데이터시트상세설명
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com