전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4760 데이터시트(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

부품명 1N4760
상세설명  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N4760 데이터시트(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1N4760 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N4760 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N4760 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number S-A318
Rev. 1.0, 11-Feb-15
1N4736 THRU 1N4771
Zener Diodes
■Features
■External and internal structure
●Ptot 1.0W
●Vz
3.3V-100V
■ Applications
 
●Stabilizing Voltage
■Limiting Values (Absolute Maximum Rating)
Item
Symbol
Unit
Conditions
Limit
Power Dissipation
Pt
W
1.0
Zener current
IZ
mA
PV /VZ
Forward Voltage
VF
V
IF=200mA
1.5
Junction Temperature
TJ
-55 to +150
Storage Temperature
TSTG
-55 to +150
■Electrical Characteristics (TA=25℃ unless otherwise noted)
Part Number
VZ at IZT
IZT
ZZT at IZT
ZZK at IZK
IZK
IR @ VR
VR
IZM @50°
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA)
(V)
(mA)
1N4736
6.8
37
3.5
700
1
10
4
133
1N4737
7.5
31
4
700
0.5
10
5
121
1N4738
8.2
31
4.5
700
0.5
10
6
110
1N4739
9.1
28
5
700
0.25
10
7
100
1N4740
10
25
7
700
0.25
10
76
91
1N4741
11
23
8
700
0.25
5
8.4
83
1N4742
12
21
9
700
0.25
5
9.1
76
1N4743
13
19
10
700
0.25
5
9.9
69
1N4744
15
17
14
700
0.25
5
11.4
61
1N4745
16
15.5
16
700
0.25
5
12.2
57
1N4746
18
14
20
750
0.25
5
13.7
50
1N4747
20
12.5
22
750
0.25
5
15.2
45
1N4748
22
11.5
23
750
0.25
5
16.7
41
1N4749
24
10.5
25
750
0.25
5
18.2
38
1N4750
27
9.5
35
750
0.25
5
20.6
34
COMPLIANT
RoHS
1.0(25.4)
MIN
.205(5.21)
.166(4.22)
.034(0.86)
.028(0.71)
.107(2.72)
.080(2.03)
1.0(25.4)
MIN
DO-204AL(DO-41 )
Unit: in inches (millimeters)


유사한 부품 번호 - 1N4760

제조업체부품명데이터시트상세설명
logo
Surge Components
1N4760 SURGE-1N4760 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Bytesonic Electronics C...
1N4760 BYTESONIC-1N4760 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4760 JINANJINGHENG-1N4760 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4760 DIGITRON-1N4760 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4760 SEMTECH-1N4760 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

유사한 설명 - 1N4760

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com