전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN105AM6X 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 FAN105AM6X
상세설명  Offline Primary-Side-Regulation Quasi-Resonant Valley Switch Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN105AM6X 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button FAN105AM6X Datasheet HTML 2Page - ON Semiconductor FAN105AM6X Datasheet HTML 3Page - ON Semiconductor FAN105AM6X Datasheet HTML 4Page - ON Semiconductor FAN105AM6X Datasheet HTML 5Page - ON Semiconductor FAN105AM6X Datasheet HTML 6Page - ON Semiconductor FAN105AM6X Datasheet HTML 7Page - ON Semiconductor FAN105AM6X Datasheet HTML 8Page - ON Semiconductor FAN105AM6X Datasheet HTML 9Page - ON Semiconductor FAN105AM6X Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© Semiconductor Components Industries, LLC, 2017
5
Publication Order Number:
May 2017- Rev. 1.0
FAN105AM6X
Continues on next page…
ELECTRICAL CHARACTERISTICS
VDD=12 V and TA=-40~85C unless noted
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
VDD Section
Turn-On Threshold Voltage
VDD-ON
16.5
17.5
18.5
V
Turn-Off Threshold Voltage
VDD-OFF
6.1
6.5
6.9
V
VDD Over-Voltage-Protection Level
VDD-OVP
26.5
28.0
29.5
V
VDD Over-Voltage-Protection De-
bounce Time
tD-VDD-OVP
-
120
200
µs
Startup Current
(8)
IDD-ST
-
20
µA
Operating Current
IDD-OP
1
1.4
1.7
mA
Deep Green-Mode Operating Current
IDD-DPGN
375
450
525
µA
Oscillator Section
Maximum Voltage-Mode Quasi-
Resonant Blanking Frequency
fOSC-BNK-MAX
70
76
82
kHz
Minimum Current-Mode Time-Out
Blankig Frequency
fOSC-BNK-MIN
4.5
5.0
5.5
kHz
Deep Green Mode Operating
Frequency
(8)
fOSC-DPGN
1.125
1.25
1.375
kHz
Minimum CCM Prevention
Frequency
(7)
fOSC-CCM-PRVENT
18
21
24
kHz
Over-Temperature Protection Section
Over-Temperature Protection
Threshold
(7)
TOTP-H
120
C
Over-Temperature Protection
Recovery Threshold
(7)
TOTP-L
100
C


유사한 부품 번호 - FAN105AM6X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
   PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
FAN105BM6X ONSEMI-FAN105BM6X Datasheet
659Kb / 19P
   PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
More results

유사한 설명 - FAN105AM6X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
   PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
   Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
FAN6080HMX ONSEMI-FAN6080HMX Datasheet
337Kb / 15P
   Offline Quasi-Resonant PWM Controller
August, 2020 ??Rev. 0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
logo
Renesas Technology Corp
IW9809 RENESAS-IW9809 Datasheet
513Kb / 7P
   RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation
23-Feb-2022
logo
ON Semiconductor
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
logo
Fairchild Semiconductor
FL7732 FAIRCHILD-FL7732 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com