전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN105B 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 FAN105B
상세설명  PSR Quasi-Resonant Valley Switch Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN105B 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button FAN105B Datasheet HTML 3Page - ON Semiconductor FAN105B Datasheet HTML 4Page - ON Semiconductor FAN105B Datasheet HTML 5Page - ON Semiconductor FAN105B Datasheet HTML 6Page - ON Semiconductor FAN105B Datasheet HTML 7Page - ON Semiconductor FAN105B Datasheet HTML 8Page - ON Semiconductor FAN105B Datasheet HTML 9Page - ON Semiconductor FAN105B Datasheet HTML 10Page - ON Semiconductor FAN105B Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© Semiconductor Components Industries, LLC, 2017
6
Publication Order Number:
May 2017- Rev. 1.0
FAN105BM6X
Continues on next page…
ELECTRICAL CHARACTERISTICS
VDD=12 V and TA=-40~85C unless noted
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Voltage Sampling Section
Reference Voltage of Constant
Voltage Feedback
VVR
2.475
2.500
2.525
V
VS Sampling Phase-Shift Resistance
(7)
RVS-S/H
300
VS Sampling Phase-Shift
Capacitance
(7)
CVS-S/H
5
pF
VS Sampling Blanking Time of High
Level
Io over 100mA
tVS_BNK-H
1.65
1.80
2.00
µs
VS Sampling Blanking Time at CC
Controlling
tVS_BNK-CC
2.05
2.20
2.35
µs
VS Discharging Time Judgment
Threshold Voltage
(7)
VVS-Offset
150
200
250
mV
Voltage Sense Section
Temperature-Independent Bias
Current
ITC
9.0
10.0
11.0
μA
VS Pin Source Current Threshold to
Enable Brown-Out
IVS-BROWN-OUT
260
310
360
μA
Brown-Out De-bounce Time
tD-BROWN-OUT
12
17
22
ms
VS Pin Source Current Threshold to
Enable Brown-In
IVS-BROWN-IN
405
475
545
μA
Brown-In De-bounce Time
NBROWN-IN
3
4
5
cycle
Output Over-Voltage-Protection of VS
Sampling threshold
VVS-OVP
2.70
2.80
2.90
V
Output Over-Voltage-Protection
Debounce Cycle Counts
NVS-OVP
3
4
5
Cycle
Output Low Level Under-Voltage-
Protection of VS Sampling threshold
VVS-UVP
1.50
1.60
1.70
V
Output Under-Voltage Protection
Debounce Time
tVS-UVP
30
40
50
ms
No-Load Control Section
Deep Green Mode Entry Threshold
Voltage of COMV
(7)
VCOMV-CV-DPGN-
ENTRY
0.4
0.5
0.6
V
Criteria to Enter Deep Green Mode
VVS_EAV_Hi
2.550
2.600
2.650
V
Deep Green Mode Band-Band Control
High Threshold Voltage
VVS-EAV-H
2.550
V
Deep Green Mode Band-Band Control
Low Threshold Voltage
VVS-EAV-L
2.525
V
Criteria to Exit Deep Green Mode
VVS_EAV_Lo
2.425
2.450
2.475
V
Dynamic Event Trigger Threshold
Voltage in Deep Green Mode
VVS-EAV-DYN
2.375
2.400
2.425
V
Minimum On-time at 264VAC
CGATE=1nF
tON-MIN-264VAC
450
500
550
ns
Minimum On-time at 230VAC
CGATE=1nF
tON-MIN-230VAC
500
550
600
ns
Minimum On-time at 115VAC
CGATE=1nF
tON-MIN-115VAC
1250
1350
1450
ns
Minimum On-time at 90VAC
CGATE=1nF
tON-MIN-90VAC
1500
1650
1800
ns


유사한 부품 번호 - FAN105B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN105A ONSEMI-FAN105A Datasheet
641Kb / 18P
   Offline Primary-Side-Regulation Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
FAN105AM6X ONSEMI-FAN105AM6X Datasheet
641Kb / 18P
   Offline Primary-Side-Regulation Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
More results

유사한 설명 - FAN105B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
FAN105A ONSEMI-FAN105A Datasheet
641Kb / 18P
   Offline Primary-Side-Regulation Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
NCP1339 ONSEMI-NCP1339 Datasheet
329Kb / 31P
   High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out
August, 2015 ??Rev. 3
NCP1340 ONSEMI-NCP1340_17 Datasheet
1Mb / 40P
   High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 7
NCP1340 ONSEMI-NCP1340_V01 Datasheet
1Mb / 43P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
March, 2021 - Rev. 17
logo
SHENZHEN CHENGXINWEI TE...
CX7501 CXW-CX7501 Datasheet
2Mb / 10P
   Quasi-Resonant PSR CC/CV PWM Power Switch
logo
Shenzhen Developer Micr...
DP2525F DEPUW-DP2525F Datasheet
1Mb / 11P
   Quasi-Resonant PSR CC/CV PWM Power Switch
Rev.1.1
logo
ON Semiconductor
NCP1341 ONSEMI-NCP1341_17 Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 4
NCP1340 ONSEMI-NCP1340_16 Datasheet
1Mb / 39P
   High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
NCP1341 ONSEMI-NCP1341 Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com