전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB50450B 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 FSB50450B
상세설명  Motion SPM 5 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50450B 데이터시트(HTML) 5 Page - ON Semiconductor

  FSB50450B Datasheet HTML 1Page - ON Semiconductor FSB50450B Datasheet HTML 2Page - ON Semiconductor FSB50450B Datasheet HTML 3Page - ON Semiconductor FSB50450B Datasheet HTML 4Page - ON Semiconductor FSB50450B Datasheet HTML 5Page - ON Semiconductor FSB50450B Datasheet HTML 6Page - ON Semiconductor FSB50450B Datasheet HTML 7Page - ON Semiconductor FSB50450B Datasheet HTML 8Page - ON Semiconductor FSB50450B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Semiconductor Components Industries, LLC, 2017
www.fairchildsemi.com
FSB50450B / FSB50450BS . Rev. 1.2
www.onsemi.com
4
Electrical Characteristics (T
J = 25°C, VDD = VBS = 15 V unless otherwise specified.)
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
Symbol
Parameter
Conditions
Min Typ Max
Unit
BVDSS
Drain - Source
Breakdown Voltage
VIN = 0 V, ID = 1 mA ( Note 4)
500
-
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN = 0 V, VDS = 500 V
-
-
1
mA
RDS(on)
Static Drain - Source
Turn-On Resistance
VDD = VBS = 15 V, VIN = 5 V, ID = 1.0 A
-
4.3
5.3
Ω
VSD
Drain - Source Diode
Forward Voltage
VDD = VBS = 15V, VIN = 0 V, ID = -1.0 A
-
-
1.3
V
tON
Switching Times
VPN = 300 V, VDD = VBS = 15 V, ID = 1.0 A
VIN = 0 V ↔ 5 V, Inductive Load L = 3 mH
High- and Low-Side MOSFET Switching
( Note 5)
-
450
-
ns
tOFF
-
500
-
ns
trr
-70-
ns
EON
-25-
μJ
EOFF
-5-
μJ
RBSOA
Reverse Bias Safe Oper-
ating Area
VPN = 400 V, VDD = VBS = 15 V, ID = IDP, VDS = BVDSS,
TJ = 150°C
High- and Low-Side MOSFET Switching ( Note 6)
Full Square
Symbol
Parameter
Conditions
Min Typ Max
Unit
IQDD
Quiescent VDD Current
VDD = 15 V,
VIN = 0 V
Applied between VDD and COM
-
-
200
μA
IQBS
Quiescent VBS Current
VBS = 15 V,
VIN = 0 V
Applied between VB(U) - U,
VB(V) - V, VB(W) - W
-
-
100
μA
IPDD
Operating
VDD Supply
Current
VDD - COM
VDD = 15 V, fPWM = 20 kHz, duty
= 50%, Applied to One PWM Sig-
nal Input for Low-Side
--
900
μA
IPBS
Operating
VBS Supply
Current
VB(U) - VS(U), VB(V)
- VS(V), VB(W) -
VS(W)
VDD = VBS = 15 V, fPWM = 20 kHz,
Duty = 50%, Applied to One PWM
Signal Input for High-Side
--
800
μA
UVDDD
Low-Side Under-Voltage
Protection (Figure 8)
VDD Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVDDR
VDD Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-Side Under-Voltage
Protection (Figure 9)
VBS Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
VTS
HVIC Temperature Sens-
ing Voltage Output
VDD = 15 V, THVIC = 25°C ( Note 7)
600
790
980
mV
VIH
ON Threshold Voltage
Logic HIGH Level
Applied between VIN and COM
--
2.9
V
VIL
OFF Threshold Voltage
Logic LOW Level
0.8
-
-
V
Symbol
Parameter
Conditions
Min Typ Max
Unit
VFB
Forward Voltage
IF = 0.1 A, TC = 25°C ( Note 8)
-
2.5
-
V
trrB
Reverse Recovery Time
IF = 0.1 A, TC = 25°C
-
80
-
ns


유사한 부품 번호 - FSB50450B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FSB50450BL ONSEMI-FSB50450BL Datasheet
711Kb / 11P
   Motion SPM 5 Series
November, 2019 ??Rev. 0
FSB50450BS ONSEMI-FSB50450BS Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FSB50450BSL ONSEMI-FSB50450BSL Datasheet
711Kb / 11P
   Motion SPM 5 Series
November, 2019 ??Rev. 0
More results

유사한 설명 - FSB50450B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
NFA50460R4B ONSEMI-NFA50460R4B Datasheet
968Kb / 13P
   Motion SPM 5 Series
December, 2020 ??Rev. 0
FSB50650B ONSEMI-FSB50650B Datasheet
558Kb / 11P
   Motion SPM 5 Series
March, 2019 ??Rev. 2
FSB50250AS ONSEMI-FSB50250AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825A ONSEMI-FSB50825A Datasheet
508Kb / 13P
   Motion SPM 5 Series
October 2016 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com