전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6248HBMX 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 FAN6248HBMX
상세설명  Advanced Synchronous Rectifier Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6248HBMX 데이터시트(HTML) 4 Page - ON Semiconductor

  FAN6248HBMX Datasheet HTML 1Page - ON Semiconductor FAN6248HBMX Datasheet HTML 2Page - ON Semiconductor FAN6248HBMX Datasheet HTML 3Page - ON Semiconductor FAN6248HBMX Datasheet HTML 4Page - ON Semiconductor FAN6248HBMX Datasheet HTML 5Page - ON Semiconductor FAN6248HBMX Datasheet HTML 6Page - ON Semiconductor FAN6248HBMX Datasheet HTML 7Page - ON Semiconductor FAN6248HBMX Datasheet HTML 8Page - ON Semiconductor FAN6248HBMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FAN6248
www.onsemi.com
3
Pin Decription
Ordering and Shipping Information
Ordering Code
Device Marking
VTH_OFF1 / VTH_OFF2
Package
Shipping
FAN6248HAMX
FAN6248HA
130mV / 228mV
SOIC-8
2500 / Tape & Reel
FAN6248HBMX
FAN6248HB
100mV / 175mV
SOIC-8
2500 / Tape & Reel
Pin Number
Name
Description
1
GATE1
Gate drive output for SR1
2
GND
Ground
3
VD1
Synchronous rectifier drain sense input. A IOFFSET1 current source flows out of the
DRAIN pin such that an external series resistor can be used to adjust the
synchronous rectifier turn-off threshold. The IOFFSET1 current source is turned off
when VDD is under-voltage or when switching is disabled in green mode
4
VS1
Synchronous rectifier source sense input for SR1
5
VS2
Synchronous rectifier source sense input for SR2
6
VD2
Synchronous rectifier drain sense input. A IOFFSET2 current source flows out of the
DRAIN pin such that an external series resistor can be used to adjust the
synchronous rectifier turn-off threshold. The IOFFSET2 current source is turned off
when VDD is under-voltage or when switching is disabled in green mode
7
VDD
Supply Voltage
8
GATE2
Gate drive output for SR2


유사한 부품 번호 - FAN6248HBMX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HCMX ONSEMI-FAN6248HCMX Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HD ONSEMI-FAN6248HD Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HDMX ONSEMI-FAN6248HDMX Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
More results

유사한 설명 - FAN6248HBMX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
   Advanced modular synchronous PWM controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9291 EUTECH-EUP9291 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
ON Semiconductor
NCP43080 ONSEMI-NCP43080 Datasheet
453Kb / 36P
   Synchronous Rectifier Controller
November, 2015 ??Rev. P0
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
logo
Texas Instruments
UCC24630 TI1-UCC24630 Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com