전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCB199N65S3 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 FCB199N65S3
상세설명  N-Channel SuperFET III MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCB199N65S3 데이터시트(HTML) 3 Page - ON Semiconductor

  FCB199N65S3 Datasheet HTML 1Page - ON Semiconductor FCB199N65S3 Datasheet HTML 2Page - ON Semiconductor FCB199N65S3 Datasheet HTML 3Page - ON Semiconductor FCB199N65S3 Datasheet HTML 4Page - ON Semiconductor FCB199N65S3 Datasheet HTML 5Page - ON Semiconductor FCB199N65S3 Datasheet HTML 6Page - ON Semiconductor FCB199N65S3 Datasheet HTML 7Page - ON Semiconductor FCB199N65S3 Datasheet HTML 8Page - ON Semiconductor FCB199N65S3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.onsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Source-Drain Diode Characteristics
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FCB199N65S3
FCB199N65S3
D2-PAK
Tape and Reel
330 mm
24 mm
800 units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
VGS = 0 V, ID = 1 mA, TJ = 25°C
650
-
-
V
VGS = 0 V, ID = 1 mA, TJ = 150°C
700
-
-
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 1 mA, Referenced to 25oC-
0.6
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 650 V, VGS = 0 V
-
-
1
μA
VDS = 520 V, TC = 125oC
-
0.89
-
IGSS
Gate to Body Leakage Current
VGS = ±30 V, VDS = 0 V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 1.4 mA
2.5
-
4.5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 7 A
-
170
199
m
Ω
gFS
Forward Transconductance
VDS = 20 V, ID = 7 A
-10
-
S
Ciss
Input Capacitance
VDS = 400 V, VGS = 0 V,
f = 1 MHz
-
1225
-
pF
Coss
Output Capacitance
-
30
-
pF
Coss(eff.)
Effective Output Capacitance
VDS = 0 V to 400 V, VGS = 0 V
-
277
-
pF
Coss(er.)
Energy Related Output Capacitance
VDS = 0 V to 400 V, VGS = 0 V
-
43
-
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 400 V, ID = 7 A,
VGS = 10 V
(Note 4)
-30
-
nC
Qgs
Gate to Source Gate Charge
-
7.4
-
nC
Qgd
Gate to Drain “Miller” Charge
-
13
-
nC
ESR
Equivalent Series Resistance
f = 1 MHz
-
7
-
Ω
td(on)
Turn-On Delay Time
VDD = 400 V, ID = 7 A,
VGS = 10 V, Rg = 4.7 Ω
(Note 4)
-19
-
ns
tr
Turn-On Rise Time
-
23
-
ns
td(off)
Turn-Off Delay Time
-
52
-
ns
tf
Turn-Off Fall Time
-
15
-
ns
IS
Maximum Continuous Source to Drain Diode Forward Current
-
-
14
A
ISM
Maximum Pulsed Source to Drain Diode Forward Current
-
-
35
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, ISD = 7 A
-
-
1.2
V
trr
Reverse Recovery Time
VGS = 0 V, ISD = 7 A,
dIF/dt = 100 A/μs
-
256
-
ns
Qrr
Reverse Recovery Charge
-
3.5
-
μC
Notes:
1. Repetitive rating: pulse-width limited by maximum junction temperature.
2. IAS = 2.5 A, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 7 A, di/dt ≤ 200 A/μs, VDD ≤ 400 V, starting TJ = 25°C.
4. Essentially independent of operating temperature typical characteristics.


유사한 부품 번호 - FCB199N65S3

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FCB199N65S3 ISC-FCB199N65S3 Datasheet
244Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

유사한 설명 - FCB199N65S3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTHL125N65S3H ONSEMI-NTHL125N65S3H Datasheet
278Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FAST
September, 2020 ??Rev. 0
NTMT150N65S3HF ONSEMI-NTMT150N65S3HF Datasheet
300Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET
November, 2020 ??Rev. 0
NTMT090N65S3HF ONSEMI-NTMT090N65S3HF Datasheet
310Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET
November, 2020 ??Rev. 0
NTHL067N65S3H ONSEMI-NTHL067N65S3H Datasheet
281Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FAST
March, 2021 ??Rev. 2
NTHL082N65S3HF ONSEMI-NTHL082N65S3HF Datasheet
331Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET
September, 2020 ??Rev. 1
NTHL095N65S3H ONSEMI-NTHL095N65S3H Datasheet
278Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FAST
March, 2021 ??Rev. 3
NTP190N65S3HF ONSEMI-NTP190N65S3HF Datasheet
445Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET
September, 2019 ??Rev. 1
NTH4LN019N65S3H ONSEMI-NTH4LN019N65S3H Datasheet
277Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FAST
March, 2021 ??Rev. 1
NTMT110N65S3HF ONSEMI-NTMT110N65S3HF Datasheet
303Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET
November, 2020 ??Rev. 0
NTHL065N65S3HF ONSEMI-NTHL065N65S3HF Datasheet
427Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET
November, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com