전자부품 데이터시트 검색엔진 |
|
LB15SGG01-5CJC 데이터시트(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB15SGG01-5CJC 데이터시트(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
2 / 20 page Series LB Standard Size Pushbuttons D49 D www.nkkswitches.com Distinctive Characteristics Carefully designed light diffusion and filtering system produces bright, full surface illumination with front panel relamping. Spot illumination available in single and bicolor LEDs. Choice of super bright LEDs in white, green, and blue in addition to standard or bright red, amber, and green LEDs. Stainless steel clips provide secure mounting with a wide range of panel thicknesses. Latchdown feature gives indication of circuit status. Audible and tactile feedback with smooth and responsive operation. Snap-action contact mechanism gives long electrical life and sensitivity of actuation. Combination solder lug and .110” quick connect terminals are epoxy sealed to prevent entry of flux, dust, and other contaminants. Panel sealed model meets IP65 of IEC60529 specifications (similar to NEMA 4 & 13). Compact switch design minimizes behind panel depth. Matching indicators available. Actual Size Snap-in Mount Page D48 Panel Seal Page D59 |
유사한 부품 번호 - LB15SGG01-5CJC |
|
유사한 설명 - LB15SGG01-5CJC |