전자부품 데이터시트 검색엔진 |
|
ADD360HVI 데이터시트(PDF) 1 Page - Power Semiconductors |
|
ADD360HVI 데이터시트(HTML) 1 Page - Power Semiconductors |
1 / 4 page RECTIFIER DIODES MODULE ADD360HVI Repetitive voltage up to 4500 V Mean forward current 385 A Surge current 5,6 kA FINAL SPECIFICATION Mar. 17 - Issue: 1 Symbol Characteristic Conditions Tj [°C] Value Unit BLOCKING V RRM Repetitive peak reverse voltage 150 4500 V V RSM Non-repetitive peak reverse voltage 150 4600 V I RRM Repetitive peak reverse current V=VRRM 150 50 mA CONDUCTING I F (AV) Mean forward current 180° sin, 50 Hz, Tc=100°C, double side cooled 321 A I F (AV) Mean forward current 180° sin, 50 Hz, Tc=85°C, double side cooled 385 A I FSM Surge forward current Sine wave, 10 ms 150 5,6 kA I² t I² t without reverse voltage 157 x 10 3 A²s V FM Forward voltage Forward current = 2000 A 25 2,84 V V F(TO) Threshold voltage 150 1,00 V r F Forward slope resistance 150 0,920 mohm SWITCHING t rr Reverse recovery time µs Q rr Reverse recovery charge 150 µC I rr Peak reverse recovery current A MOUNTING R th(j-c) Thermal impedance, DC Junction to heatsink, double side cooled 90,0 °C/kW R th(c-h) Thermal impedance Case to heatsink, double side cooled 20,0 °C/kW T j Operating junction temperature -30 / 150 °C V ins RMS insulation voltage 50Hz, circuit to base,all terminal shorted 25 6000 V T Mounting torque Case to heatsink 4 to 6 Nm Busbars to terminals 12 to 18 Nm Mass 1500 g ORDERING INFORMATION : ADD360HVI S 45 standard specification VRRM/100 POSEICO SPA Via Pillea 42-44, 16153 Genova - ITALY Tel. + 39 010 8599400 - Fax + 39 010 8682006 Sales Office: Tel. + 39 010 8599400 - sales@poseico.com |
유사한 부품 번호 - ADD360HVI |
|
유사한 설명 - ADD360HVI |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |