전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB16SKG01-5DJD 데이터시트(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 LB16SKG01-5DJD
상세설명  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16SKG01-5DJD 데이터시트(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB16SKG01-5DJD Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKG01-5DJD Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKG01-5DJD Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKG01-5DJD Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKG01-5DJD Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKG01-5DJD Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKG01-5DJD Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKG01-5DJD Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKG01-5DJD Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Series LB
Standard Size Pushbuttons
D49
D
www.nkkswitches.com
Distinctive Characteristics
Carefully designed light diffusion and filtering system produces bright,
full surface illumination with front panel relamping.
Spot illumination available in single and bicolor LEDs.
Choice of super bright LEDs in white, green, and blue
in addition to standard or bright red, amber, and
green LEDs.
Stainless steel clips provide secure mounting with a
wide range of panel thicknesses.
Latchdown feature gives indication of circuit status.
Audible and tactile feedback with smooth and
responsive operation.
Snap-action contact mechanism gives long electrical
life and sensitivity of actuation.
Combination solder lug and .110” quick connect
terminals are epoxy sealed to prevent entry of flux,
dust, and other contaminants.
Panel sealed model meets IP65 of IEC60529 specifications
(similar to NEMA 4 & 13).
Compact switch design minimizes behind panel depth.
Matching indicators available.
Actual Size
Snap-in Mount
Page D48
Panel Seal
Page D59


유사한 부품 번호 - LB16SKG01-5DJD

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
LB16SKG01-05-BJ NKK-LB16SKG01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16SKG01-05-CJ NKK-LB16SKG01-05-CJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16SKG01-12-BJ NKK-LB16SKG01-12-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16SKG01-A NKK-LB16SKG01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
LB16SKG01-B NKK-LB16SKG01-B Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

유사한 설명 - LB16SKG01-5DJD

제조업체부품명데이터시트상세설명
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com