전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB26RGW01-5FJF 데이터시트(PDF) 18 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 LB26RGW01-5FJF
상세설명  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB26RGW01-5FJF 데이터시트(HTML) 18 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button LB26RGW01-5FJF Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-5FJF Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-5FJF Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-5FJF Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-5FJF Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-5FJF Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-5FJF Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-5FJF Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-5FJF Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Series LB
Standard Size Panel Seal Pushbuttons
D65
D
www.nkkswitches.com
CAP TYPES & COLOR COMBINATIONS
Cap for Super Bright LEDs
Clear Lens
White Diffuser
JB
Material:
Polycarbonate
Finish: Glossy
LEDs
AT625
AT631
AT632
AT4131
Transparent
Clear Lens
Translucent
Colored Diffuser
OPTIONAL ACCESSORIES
AT9410 Splash Cover for Panel Seal
Materials:
Lid: PVC (loses pliability below 0°C/32°F)
Base: Polyethylene
O-ring: NBR
Recommended Panel Thickness:
.039” ~ .138” (1.0mm ~ 3.5mm)
TYPICAL SWITCH DIMENSIONS
Single & Double Pole
Panel Seal
Single pole models do not have terminals 4, 5, & 6.
LB25WKW01-12-JC
(19.0) Dia
.748
(25.0) Dia
.984
(21.5)
.846
(12.0)
.472
(5.5)
.217
M22 P1
(0.5) Typ
.020
(1.2) x (2.0) Typ
.047 x .079
(2.54) Typ
.100
(7.5)
.295
(3.2)
.126
(1.8)
.071
Latchdown Position
(1.0)
.039
L (+)
3
6
2
5
4
1
L (-)
(15.8) Sq
.622
NC
NO
COM
(2.8) Typ
.110
(5.08) Typ
.200
Keyway
Lid
Base
O-ring Supplied with
Panel Seal Switch
O-ring Supplied with
AT9410 Splash Cover
(10.6)
.417
(1.6)
.063
(23.0) Dia
.906
(7.8)
.307
(3.0)
.118
(21.0) Dia
.827
(31.3) Dia
1.232
(0.5)
.020
(22.0) Dia
.866
(31.3) Dia
1.232
(19.0) Dia
.748
(5.1)
.201


유사한 부품 번호 - LB26RGW01-5FJF

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
LB26RGW01-05-BJ NKK-LB26RGW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB26RGW01-05-CJ NKK-LB26RGW01-05-CJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB26RGW01-12-BJ NKK-LB26RGW01-12-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
GREATECS
LB26RGW01-12-CJ GREATECS-LB26RGW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
Nihon Kaiheiki Industry...
LB26RGW01-12-CJ NKK-LB26RGW01-12-CJ Datasheet
2Mb / 20P
   Standard Size Pushbuttons
More results

유사한 설명 - LB26RGW01-5FJF

제조업체부품명데이터시트상세설명
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com