전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6679 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD6679
상세설명  135 MHz BW IF Diversity Receiver
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6679 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD6679_17 Datasheet HTML 3Page - Analog Devices AD6679_17 Datasheet HTML 4Page - Analog Devices AD6679_17 Datasheet HTML 5Page - Analog Devices AD6679_17 Datasheet HTML 6Page - Analog Devices AD6679_17 Datasheet HTML 7Page - Analog Devices AD6679_17 Datasheet HTML 8Page - Analog Devices AD6679_17 Datasheet HTML 9Page - Analog Devices AD6679_17 Datasheet HTML 10Page - Analog Devices AD6679_17 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 6 of 81
AC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.50 V, AVDD3 = 3.3 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified maximum sampling
rate, 1.0 V internal reference, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
ANALOG INPUT FULL SCALE
Full
2.06
V p-p
NOISE DENSITY2
Full
−153
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
68.9
dBFS
fIN = 170 MHz
Full
67.5
68.6
dBFS
fIN = 340 MHz
25°C
67.8
dBFS
fIN = 450 MHz
25°C
67.3
dBFS
fIN = 765 MHz
25°C
63.9
dBFS
fIN = 985 MHz
25°C
62.8
dBFS
fIN = 1950 MHz
25°C
59.0
dBFS
NSR Enabled (21% Bandwidth (BW) Mode)
fIN = 10 MHz
25°C
75.0
dBFS
fIN = 170 MHz
25°C
74.8
dBFS
fIN = 340 MHz
25°C
74.0
dBFS
fIN = 450 MHz
25°C
73.1
dBFS
fIN = 765 MHz
25°C
69.7
dBFS
fIN = 985 MHz
25°C
68.1
dBFS
fIN = 1950 MHz
25°C
64.6
dBFS
NSR Enabled (28% BW Mode)
fIN = 10 MHz
25°C
72.4
dBFS
fIN = 170 MHz
25°C
72.3
dBFS
fIN = 340 MHz
25°C
71.6
dBFS
fIN = 450 MHz
25°C
71.0
dBFS
fIN = 765 MHz
25°C
67.7
dBFS
fIN = 985 MHz
25°C
66.8
dBFS
fIN = 1950 MHz
25°C
63.1
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION RATIO (SINAD)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
68.7
dBFS
fIN = 170 MHz
Full
67
68.5
dBFS
fIN = 340 MHz
25°C
67.6
dBFS
fIN = 450 MHz
25°C
67.2
dBFS
fIN = 765 MHz
25°C
63.8
dBFS
fIN = 985 MHz
25°C
62.5
dBFS
fIN = 1950 MHz
25°C
58.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
11.1
Bits
fIN = 170 MHz
Full
10.8
10.9
Bits
fIN = 340 MHz
25°C
10.8
Bits
fIN = 450 MHz
25°C
10.8
Bits
fIN = 765 MHz
25°C
10.3
Bits
fIN = 985 MHz
25°C
10.1
Bits
fIN = 1950 MHz
25°C
9.5
Bits


유사한 부품 번호 - AD6679_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6679-500EBZ AD-AD6679-500EBZ Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6679BBPZ-500 AD-AD6679BBPZ-500 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6679BBPZRL7-500 AD-AD6679BBPZRL7-500 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results

유사한 설명 - AD6679_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com