전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8811TMPX 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 FAN8811TMPX
상세설명  High-Frequency, High Side and Low Side Gate Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN8811TMPX 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button FAN8811TMPX Datasheet HTML 6Page - ON Semiconductor FAN8811TMPX Datasheet HTML 7Page - ON Semiconductor FAN8811TMPX Datasheet HTML 8Page - ON Semiconductor FAN8811TMPX Datasheet HTML 9Page - ON Semiconductor FAN8811TMPX Datasheet HTML 10Page - ON Semiconductor FAN8811TMPX Datasheet HTML 11Page - ON Semiconductor FAN8811TMPX Datasheet HTML 12Page - ON Semiconductor FAN8811TMPX Datasheet HTML 13Page - ON Semiconductor FAN8811TMPX Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FAN8811
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Typical characteristics are provided at 25°C and VDD, VHB = 12 V unless otherwise noted.
Figure 17. Low Side Propagation Delay
vs. Temperature
Figure 18. High Side Propagation Delay
vs. Temperature
Figure 19. Low Side Propagation Delay vs. VDD
Figure 20. High Side Propagation Delay vs. VHB
Figure 21. HO, LO Peak Source Current vs.
Supply Voltage
Figure 22. HO, LO Peak Sink Current vs.
Supply Voltage
0
5
10
15
20
25
30
35
40
-50℃
0℃
50℃
100℃
150℃
TEMPERATURE [℃]
High Prop delay
Low Prop delay
0
5
10
15
20
25
30
35
40
-50℃
0℃
50℃
100℃
150℃
TEMPERATURE [℃]
High Prop
Delay
0
5
10
15
20
25
30
35
40
45
50
7
8
9
10
11
12
13
14
15
16
17
18
VDD VOLTAGE [V]
High Prop Delay
Low Prop Delay
0
5
10
15
20
25
30
35
40
45
50
7
8
9
10
11
12
13
14
15
16
17
18
VDD VOLTAGE [V]
High Prop Delay
Low Prop Delay
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SUPPLY VOLTAGE [V]
0
1
2
3
4
5
6
7
8
9
10
7
8
9
10
11
12
13
14
15
16
SUPPLY VOLTAGE [V]


유사한 부품 번호 - FAN8811TMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
More results

유사한 설명 - FAN8811TMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0547 DIODES-DGD0547 Datasheet
709Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
642Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD05473 DIODES-DGD05473 Datasheet
738Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0590A DIODES-DGD0590A Datasheet
581Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com