전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBB20CH120D 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 FSBB20CH120D
상세설명  Motion SPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSBB20CH120D 데이터시트(HTML) 2 Page - ON Semiconductor

  FSBB20CH120D Datasheet HTML 1Page - ON Semiconductor FSBB20CH120D Datasheet HTML 2Page - ON Semiconductor FSBB20CH120D Datasheet HTML 3Page - ON Semiconductor FSBB20CH120D Datasheet HTML 4Page - ON Semiconductor FSBB20CH120D Datasheet HTML 5Page - ON Semiconductor FSBB20CH120D Datasheet HTML 6Page - ON Semiconductor FSBB20CH120D Datasheet HTML 7Page - ON Semiconductor FSBB20CH120D Datasheet HTML 8Page - ON Semiconductor FSBB20CH120D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2017 Semiconductor Components Industries, LLC
1
www.fairchildsemi.com
www.onsemi.com
FSBB20CH120D • Rev. 1.0
January 2017
FSBB20CH120D
Motion SPM® 3 Series
Features
• UL Certified No. E209204 (UL1557)
• 1200 V - 20 A 3-Phase IGBT Inverter with Integral
Gate Drivers and Protection
• Low-Loss, Short-Circuit Rated IGBTs
• Very Low Thermal Resistance Using AlN DBC
Substrate
• Dedicated Vs Pins Simplify PCB Layout
• Separate Open-Emitter Pins from Low-Side IGBTs for
Three-Phase Current Sensing
• Single-Grounded Power Supply
• LVIC Temperature-Sensing Built-In for Temperature
Monitoring
• Isolation Rating: 2500 Vrms / 1 min.
Applications
• Motion Control - Industrial Motor (AC 400V Class)
Related Resources
• AN-9095 - Motion SPM® 3 Series Users Guide
• AN-9086 - SPM 3 Package Mounting Guide
General Description
FSBB20CH120D is an advanced Motion SPM® 3
module providing a fully-featured, high-performance
inverter output stage for AC Induction, BLDC, and
PMSM motors. These modules integrate optimized gate
drive of the built-in IGBTs to minimize EMI and losses,
while also providing multiple on-module protection
features including under-voltage lockouts, over-current
shutdown, thermal monitoring of drive IC, and fault
reporting. The built-in, high-speed HVIC requires only a
single supply voltage and translates the incoming logic-
level gate inputs to the high-voltage, high-current drive
signals required to properly drive the module's internal
IGBTs. Separate negative IGBT terminals are available
for each phase to support the widest variety of control
algorithms.
Figure 1. 3D Package Drawing
(Click to Activate 3D Content)
Package Marking and Ordering Information
Device
Device Marking
Package
Packing Type
Quantity
FSBB20CH120D
FSBB20CH120D
SPMMG-027
Rail
10


유사한 부품 번호 - FSBB20CH120D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
More results

유사한 설명 - FSBB20CH120D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSB50550B ONSEMI-FSB50550B Datasheet
891Kb / 13P
   Motion SPM
Rev. 1.2
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com