전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRT67D 데이터시트(PDF) 10 Page - OSRAM GmbH

부품명 LRT67D
상세설명  Signal and Symbol Luminary
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRT67D 데이터시트(HTML) 10 Page - OSRAM GmbH

Back Button LRT67D Datasheet HTML 6Page - OSRAM GmbH LRT67D Datasheet HTML 7Page - OSRAM GmbH LRT67D Datasheet HTML 8Page - OSRAM GmbH LRT67D Datasheet HTML 9Page - OSRAM GmbH LRT67D Datasheet HTML 10Page - OSRAM GmbH LRT67D Datasheet HTML 11Page - OSRAM GmbH LRT67D Datasheet HTML 12Page - OSRAM GmbH LRT67D Datasheet HTML 13Page - OSRAM GmbH LRT67D Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2013-09-12
10
Version 1.5
LR T67D
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
7D30
0
20
40
60
80
100
TA [°C]
0
5
10
15
20
25
30
IF [mA]
: TA
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time
[s]
0,04
0,06
0,08
0,10
IF [A]
TA = 0°C ... 91°C
Lx T67D
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time [s]
0,02
0,04
0,06
0,08
0,10
IF [A]
TA = 100°C
Lx T67D
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005


유사한 부품 번호 - LRT67D

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LRT67F OSRAM-LRT67F Datasheet
493Kb / 20P
   Automotive Lighting Interior and Exterior
logo
ams AG
LRT67F AMSCO-LRT67F Datasheet
1Mb / 22P
   First SMT LED with integrated reflector.
Version 1.2 2019-09-24
logo
HK TO-GRACE TECHNOLOGY ...
LRT67F-U1AA-1-1 TO-GRACE-LRT67F-U1AA-1-1 Datasheet
767Kb / 8P
   Power SMD LED PLCC-2
LRT67F-U1AA-1-1 TO-GRACE-LRT67F-U1AA-1-1 Datasheet
804Kb / 9P
   Power SMD LED PLCC-2
logo
ams AG
LRT67F-U1AA-1-1 AMSCO-LRT67F-U1AA-1-1 Datasheet
1Mb / 22P
   First SMT LED with integrated reflector.
Version 1.2 2019-09-24
More results

유사한 설명 - LRT67D

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
   Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
   Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
   Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
   Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
   Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
   Signal and Symbol Luminary
LPT67K OSRAM-LPT67K Datasheet
441Kb / 19P
   Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com