전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7988-1 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7988-1
상세설명  16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7988-1 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7988-1 Datasheet HTML 4Page - Analog Devices AD7988-1 Datasheet HTML 5Page - Analog Devices AD7988-1 Datasheet HTML 6Page - Analog Devices AD7988-1 Datasheet HTML 7Page - Analog Devices AD7988-1 Datasheet HTML 8Page - Analog Devices AD7988-1 Datasheet HTML 9Page - Analog Devices AD7988-1 Datasheet HTML 10Page - Analog Devices AD7988-1 Datasheet HTML 11Page - Analog Devices AD7988-1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. G | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Analog Inputs
IN+,1 IN−1 to GND
−0.3 V to VREF + 0.3 V or ±130 mA
Supply Voltage
REF, VIO to GND
−0.3 V to +6 V
VDD to GND
−0.3 V to +3 V
VDD to VIO
+3 V to −6 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +125°C
Junction Temperature
150°C
θJA Thermal Impedance
10-Lead MSOP
200°C/W
10-Lead LFCSP
80°C/W
θJC Thermal Impedance
10-Lead MSOP
44°C/W
10-Lead LFCSP
15°C/W
Reflow Soldering
JEDEC Standard (J-STD-020)
1
See the Analog Inputs section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION


유사한 부품 번호 - AD7988-1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7988-1 AD-AD7988-1 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-1 AD-AD7988-1 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7988-1BCPZ-RL AD-AD7988-1BCPZ-RL Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-1BCPZ-RL AD-AD7988-1BCPZ-RL Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7988-1BCPZ-RL7 AD-AD7988-1BCPZ-RL7 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
More results

유사한 설명 - AD7988-1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com