전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7302A 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADV7302A
상세설명  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7302A 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADV7302A Datasheet HTML 2Page - Analog Devices ADV7302A Datasheet HTML 3Page - Analog Devices ADV7302A Datasheet HTML 4Page - Analog Devices ADV7302A Datasheet HTML 5Page - Analog Devices ADV7302A Datasheet HTML 6Page - Analog Devices ADV7302A Datasheet HTML 7Page - Analog Devices ADV7302A Datasheet HTML 8Page - Analog Devices ADV7302A Datasheet HTML 9Page - Analog Devices ADV7302A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
REV. A
–6–
ADV7302A/ADV7303A
t9
t11
CLKIN_A
C7–C0
t10
t12
P_HSYNC,
P_VSYNC,
P_BLANK
Cb0
Cr0
Cb2
Cr2
Cb4
Cr4
CONTROL
I/PS
Y0
Y1
Y2
Y3
Y4
Y5
Y7–Y0
t14
CONTROL
O/PS
S_HSYNC,
S_VSYNC
t13
t
9 = CLOCK HIGH TIME, t10 = CLOCK LOW TIME, t11 = DATA SETUP TIME, t12 = DATA HOLD TIME
Figure 2. HD 4:2:2 Input Data Format Timing Diagram, Input Mode: PS Input Only, HDTV
Input Only (Input Mode at Subaddress 01h = 001 or 010)
t9
t11
t10
t12
t13
t14
CLKIN_A
C7–C0
P_HSYNC,
P_VSYNC,
P_BLANK
CONTROL
I/PS
Y7–Y0
CONTROL
O/PS
S_HSYNC,
S_VSYNC
t
9 = CLOCK HIGH TIME, t10 = CLOCK LOW TIME, t11 = DATA SETUP TIME, t12 = DATA HOLD TIME
S7–S0
Y0
Y1
Y2
Yxxx
Yxxx
Cb0
Cb1
Cb2
Cb3
Cbxxx
Cbxxx
Cr0
Cr1
Cr2
Cr3
Crxxx
Crxxx
Figure 3. HD 4:4:4 YCrCb Input Data Format Timing Diagram, Input Mode: PS Input Only,
HDTV Input Only (Input Mode at Subaddress 01h = 001 or 010)


유사한 부품 번호 - ADV7302A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results

유사한 설명 - ADV7302A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com