전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PE83IR1017 데이터시트(PDF) 4 Page - Pasternack Enterprises, Inc.

부품명 PE83IR1017
부품 상세설명  TECHNICAL DATA SHEET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83IR1017 데이터시트(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE83IR1017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83IR1017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83IR1017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83IR1017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83IR1017 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
-80
-70
-60
-50
-40
-30
-20
-10
0
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
0 dB
1.8 GHz
Isolation And Return Loss
Return Loss
Isolation
Dual Junction Isolator With 40 dB Isolation From 2 GHz to 4 GHz, 10 Watts And SMA Female from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Junction Isolator With 40 dB Isolation From 2 GHz to 4 GHz, 10 Watts And SMA Female
PE83IR1017
URL:
http://www.pasternack.com/dual-junction-isolator-40db-isolation-4-ghz-10-watts-sma-female-pe83ir1017-p.aspx
PE83IR1017
PE83IR1017 REV 1.0
Dual Junction Isolator With 40 dB Isolation From
2 GHz to 4 GHz, 10 Watts And SMA Female


유사한 부품 번호 - PE83IR1017

제조업체부품명데이터시트부품 상세설명
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE83IR1010 PASTERNACK-PE83IR1010 Datasheet
401Kb / 5P
   Isolators Technical Data Sheet
PE83IR1010A PASTERNACK-PE83IR1010A Datasheet
401Kb / 5P
   Isolators Technical Data Sheet
PE83IR1011 PASTERNACK-PE83IR1011 Datasheet
386Kb / 5P
   Isolators Technical Data Sheet
PE83IR1013 PASTERNACK-PE83IR1013 Datasheet
409Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1014 PASTERNACK-PE83IR1014 Datasheet
387Kb / 5P
   TECHNICAL DATA SHEET
More results

유사한 설명 - PE83IR1017

제조업체부품명데이터시트부품 상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
EAHP5630GA0 EVERLIGHT-EAHP5630GA0 Datasheet
352Kb / 11P
   Technical Data Sheet
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE83IR1002 PASTERNACK-PE83IR1002 Datasheet
391Kb / 5P
   TECHNICAL DATA SHEET
PE87FL1018 PASTERNACK-PE87FL1018 Datasheet
521Kb / 4P
   TECHNICAL DATA SHEET
PE87FL1019 PASTERNACK-PE87FL1019 Datasheet
522Kb / 4P
   TECHNICAL DATA SHEET
PE15A3036 PASTERNACK-PE15A3036 Datasheet
871Kb / 8P
   TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
   TECHNICAL DATA SHEET
PE15A1033 PASTERNACK-PE15A1033 Datasheet
598Kb / 7P
   TECHNICAL DATA SHEET
PE15A1039 PASTERNACK-PE15A1039 Datasheet
467Kb / 6P
   TECHNICAL DATA SHEET
PE15A1042 PASTERNACK-PE15A1042 Datasheet
652Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com