전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PE87FL1019 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE87FL1019
부품 상세설명  TECHNICAL DATA SHEET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1019 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE87FL1019 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1019 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1019 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1019 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
The PE87FL1019 is a seven section High pass filter. The pass band is 16,000 MHz wide, from 2 GHz to 18 GHz with excellent
rejection of 40 dB from DC to 1 GHz. It has a maximum insertion loss of 2 dB. The PE87FL1019 has SMA female connectors.
Configuration
Design
High Pass Filter
Number of Sections
7
Connector 1
SMA Female
Connector 2
SMA Female
Passband Frequency Range
2 to 18 GHz
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Passband Freq.
2
18
GHz
Useable Freq. Range
2 to 18
GHz
Impedance
50
Ohms
Insertion Loss
2
dB
Input Power
5
Watts
Rejection at 0 KHz
40
dB
Rejection at 1000 MHz
40
dB
.
Mechanical Specifications
Size
Length
0.85 in [21.59 mm]
Width
0.6 in [15.24 mm]
Height
0.7 in [17.78 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMAFemale
SMAFemale
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/14/2014
Plotted and Other Data
Notes:
Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7 Section Highpass Filter With SMA Female Connectors Operating From 2 GHz to 18 GHz
PE87FL1019
PE87FL1019
PE87FL1019 REV 1.0
7 Section Highpass Filter With SMA Female
Connectors Operating From 2 GHz to 18 GHz


유사한 부품 번호 - PE87FL1019

제조업체부품명데이터시트부품 상세설명
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE87FL1010 PASTERNACK-PE87FL1010 Datasheet
487Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1011 PASTERNACK-PE87FL1011 Datasheet
485Kb / 5P
   Bandpass Filters Technical Data Sheet
PE87FL1012 PASTERNACK-PE87FL1012 Datasheet
516Kb / 4P
   11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PE87FL1013 PASTERNACK-PE87FL1013 Datasheet
524Kb / 5P
   11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PE87FL1014 PASTERNACK-PE87FL1014 Datasheet
521Kb / 4P
   TECHNICAL DATA SHEET
More results

유사한 설명 - PE87FL1019

제조업체부품명데이터시트부품 상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
EAHP5630GA0 EVERLIGHT-EAHP5630GA0 Datasheet
352Kb / 11P
   Technical Data Sheet
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE83IR1002 PASTERNACK-PE83IR1002 Datasheet
391Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1017 PASTERNACK-PE83IR1017 Datasheet
393Kb / 5P
   TECHNICAL DATA SHEET
PE87FL1018 PASTERNACK-PE87FL1018 Datasheet
521Kb / 4P
   TECHNICAL DATA SHEET
PE15A3036 PASTERNACK-PE15A3036 Datasheet
871Kb / 8P
   TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
   TECHNICAL DATA SHEET
PE15A1033 PASTERNACK-PE15A1033 Datasheet
598Kb / 7P
   TECHNICAL DATA SHEET
PE15A1039 PASTERNACK-PE15A1039 Datasheet
467Kb / 6P
   TECHNICAL DATA SHEET
PE15A1042 PASTERNACK-PE15A1042 Datasheet
652Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com