전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8644Z36E-225 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 GS8644Z36E-225
상세설명  72Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

GS8644Z36E-225 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  GS8644Z36E-225 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS8644Z36E-225 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS8644Z36E-225 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS8644Z36E-225 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS8644Z36E-225 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS8644Z36E-225 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS8644Z36E-225 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS8644Z36E-225 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS8644Z36E-225 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Product Preview
GS8644Z18(B/E)/GS8644Z36(B/E)/GS8644Z72(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
3/39
© 2003, GSI Technology
GS8644Z72 209-Bump BGA Pin Description
Symbol
Type
Description
A0, A1
I
Address field LSBs and Address Counter Preset Inputs.
A
I
Address Inputs
DQA
DQB
DQC
DQD
DQE
DQF
DQG
DQH
I/O
Data Input and Output pins
BA, BB
I
Byte Write Enable for DQA, DQB I/Os; active low
BC,BD
I
Byte Write Enable for DQC, DQD I/Os; active low
BE, BF, BG,BH
I
Byte Write Enable for DQE, DQF, DQG, DQH I/Os; active low
NC
No Connect
CK
I
Clock Input Signal; active high
E1
I
Chip Enable; active low
E3
I
Chip Enable; active low
E2
I
Chip Enable; active high
G
I
Output Enable; active low
ADV
I
Burst address counter advance enable
ZZ
I
Sleep Mode control; active high
FT
I
Flow Through or Pipeline mode; active low
LBO
I
Linear Burst Order mode; active low
MCH
I
Must Connect High
MCH
I
Must Connect High
MCL
Must Connect Low
W
I
Write Enable; active low
ZQ
I
FLXDrive Output Impedance Control
Low = Low Impedance [High Drive],
High = High Impedance [Low Drive]
CKE
I
Clock Enable; active low


유사한 부품 번호 - GS8644Z36E-225

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8644Z36E-225 GSI-GS8644Z36E-225 Datasheet
1Mb / 30P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644Z36E-225 GSI-GS8644Z36E-225 Datasheet
556Kb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644Z36E-225I GSI-GS8644Z36E-225I Datasheet
1Mb / 30P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644Z36E-225I GSI-GS8644Z36E-225I Datasheet
556Kb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644Z36E-225IV GSI-GS8644Z36E-225IV Datasheet
1Mb / 30P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

유사한 설명 - GS8644Z36E-225

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8644Z36GE-200 GSI-GS8644Z36GE-200 Datasheet
556Kb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8642Z18B GSI-GS8642Z18B Datasheet
1Mb / 34P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8642ZV18B GSI-GS8642ZV18B Datasheet
1Mb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18T GSI-GS8640Z18T Datasheet
972Kb / 25P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18T-V GSI-GS8640Z18T-V Datasheet
914Kb / 22P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644ZV18B GSI-GS8644ZV18B Datasheet
1Mb / 37P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640ZV18T GSI-GS8640ZV18T Datasheet
582Kb / 23P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644Z18E-V GSI-GS8644Z18E-V Datasheet
1Mb / 30P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18GT-250I GSI-GS8640Z18GT-250I Datasheet
271Kb / 25P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com