전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PE15A3036 데이터시트(PDF) 3 Page - Pasternack Enterprises, Inc.

부품명 PE15A3036
부품 상세설명  TECHNICAL DATA SHEET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3036 데이터시트(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A3036 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3036 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3036 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3036 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3036 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3036 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3036 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A3036 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TECHNICAL DATA SHEET
Temperature Cycling
MIL-STD-883, Method 101C, Cond B
Hermetic Seal
Gross Leak MIL-STD-883 Method 1014C1/Fine Leak
MIL-STD-883, Method 1014A2, 5 x 10-8 atm cc
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE15A3036
PE15A3036 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 600 mW P1dB, 10 MHz to 15 GHz, Medium Power Broadband Amplifier, 12 dB Gain, 4.5 dB
NF, SMA PE15A3036
600 mW P1dB, 10 MHz to 15 GHz, Medium Power
Broadband Amplifier, 12 dB Gain, 4.5 dB NF, SMA


유사한 부품 번호 - PE15A3036

제조업체부품명데이터시트부품 상세설명
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE15A3037 PASTERNACK-PE15A3037 Datasheet
540Kb / 8P
   TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
   TECHNICAL DATA SHEET
More results

유사한 설명 - PE15A3036

제조업체부품명데이터시트부품 상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
EAHP5630GA0 EVERLIGHT-EAHP5630GA0 Datasheet
352Kb / 11P
   Technical Data Sheet
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE83IR1002 PASTERNACK-PE83IR1002 Datasheet
391Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1017 PASTERNACK-PE83IR1017 Datasheet
393Kb / 5P
   TECHNICAL DATA SHEET
PE87FL1018 PASTERNACK-PE87FL1018 Datasheet
521Kb / 4P
   TECHNICAL DATA SHEET
PE87FL1019 PASTERNACK-PE87FL1019 Datasheet
522Kb / 4P
   TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
   TECHNICAL DATA SHEET
PE15A1033 PASTERNACK-PE15A1033 Datasheet
598Kb / 7P
   TECHNICAL DATA SHEET
PE15A1039 PASTERNACK-PE15A1039 Datasheet
467Kb / 6P
   TECHNICAL DATA SHEET
PE15A1042 PASTERNACK-PE15A1042 Datasheet
652Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com