전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE15A3037 데이터시트(PDF) 4 Page - Pasternack Enterprises, Inc.

부품명 PE15A3037
상세설명  TECHNICAL DATA SHEET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3037 데이터시트(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A3037 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A3037 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TECHNICAL DATA SHEET
PE15A3037
PE15A3037 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 600 mW P1dB, 10 MHz to 15 GHz, Medium Power Broadband Amplifier, Bench-Top, 12 dB
Gain, SMA PE15A3037
Typical Performance Data
Noise Figure vs. Temperature
Gain vs. Temperature
Output Return Loss vs. Temperature
Gain & Return Loss
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
-30
-25
-20
-15
-10
-5
0
5
10
15
20
2
0
6
4
8
10
12
14
16
18
S21
S11
S22
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
0
2
6
4
8
10
12
14
16
18
+25 C
+85 C
0 C
FREQUENCY (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
6
4
8
10
12
14
16
18
+25 C
+85 C
0 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
6
4
8
10
12
14
16
18
+25 C
+85 C
0 C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0
2
6
4
8
10
12
14
16
18
+25 C
+85 C
0 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
+25 C
+85 C
0 C
FREQUENCY (GHz)
600 mW P1dB, 10 MHz to 15 GHz, Medium Power
Broadband Amplifier, Bench-Top, 12 dB Gain, SMA


유사한 부품 번호 - PE15A3037

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3036 PASTERNACK-PE15A3036 Datasheet
871Kb / 8P
   TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
   TECHNICAL DATA SHEET
More results

유사한 설명 - PE15A3037

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com