전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PE15A1033 데이터시트(PDF) 4 Page - Pasternack Enterprises, Inc.

부품명 PE15A1033
부품 상세설명  TECHNICAL DATA SHEET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A1033 데이터시트(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A1033 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A1033 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A1033 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A1033 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A1033 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A1033 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A1033 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TECHNICAL DATA SHEET
PE15A1033
PE15A1033 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 33 dBm IP3, 22 dBm P1dB, 7 GHz to 11 GHz, Low Phase Noise Amplifier 9 dB Gain, SMA
PE15A1033
Typical Performance Data
Noise Figure vs. Temperature
Reverse Isolation vs. Temperature
Gain vs. Temperature
Output Return Loss vs. Temperature
Broadband, Gain & Return Loss
Input Return Loss vs. Temperature
-25
-20
-15
-10
-5
0
5
10
3
5
7
9
11
13
15
S21
S11
S22
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
6
7
8
9
10
11
12
13
+25 C
+85 C
- 55 C
FREQUENCY (GHz)
2
4
6
8
10
12
5
6
7
8
9
10
11
12
13
+25 C
+85 C
- 55 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
6
7
8
9
10
11
12
13
+25 C
+85 C
- 55 C
FREQUENCY (GHz)
0
2
4
6
8
10
5
6
7
8
9
10
11
12
13
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
5
6
7
8
9
10
11
12
13
+25 C
+85 C
- 55 C
FREQUENCY (GHz)
33 dBm IP3, 22 dBm P1dB, 7 GHz to 11 GHz,
Low Phase Noise Amplifier 9 dB Gain, SMA


유사한 부품 번호 - PE15A1033

제조업체부품명데이터시트부품 상세설명
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE15A1030 PASTERNACK-PE15A1030 Datasheet
774Kb / 8P
   TECHNICAL DATA SHEET
PE15A1031 PASTERNACK-PE15A1031 Datasheet
475Kb / 7P
   TECHNICAL DATA SHEET
PE15A1032 PASTERNACK-PE15A1032 Datasheet
653Kb / 7P
   TECHNICAL DATA SHEET
PE15A1034 PASTERNACK-PE15A1034 Datasheet
660Kb / 7P
   TECHNICAL DATA SHEET
PE15A1035 PASTERNACK-PE15A1035 Datasheet
1Mb / 8P
   TECHNICAL DATA SHEET
More results

유사한 설명 - PE15A1033

제조업체부품명데이터시트부품 상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
EAHP5630GA0 EVERLIGHT-EAHP5630GA0 Datasheet
352Kb / 11P
   Technical Data Sheet
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE83IR1002 PASTERNACK-PE83IR1002 Datasheet
391Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1017 PASTERNACK-PE83IR1017 Datasheet
393Kb / 5P
   TECHNICAL DATA SHEET
PE87FL1018 PASTERNACK-PE87FL1018 Datasheet
521Kb / 4P
   TECHNICAL DATA SHEET
PE87FL1019 PASTERNACK-PE87FL1019 Datasheet
522Kb / 4P
   TECHNICAL DATA SHEET
PE15A3036 PASTERNACK-PE15A3036 Datasheet
871Kb / 8P
   TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
   TECHNICAL DATA SHEET
PE15A1039 PASTERNACK-PE15A1039 Datasheet
467Kb / 6P
   TECHNICAL DATA SHEET
PE15A1042 PASTERNACK-PE15A1042 Datasheet
652Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1  2  3  4  5  6  7 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com