전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE15A1039 데이터시트(PDF) 4 Page - Pasternack Enterprises, Inc.

부품명 PE15A1039
상세설명  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A1039 데이터시트(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A1039 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A1039 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A1039 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A1039 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A1039 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A1039 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TECHNICAL DATA SHEET
PE15A1039
PE15A1039 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 dB NF, 16 dBm P1dB, 1.215 GHz to 1.4 GHz, Low Noise Amplifier, 25 dB Gain, SMA
PE15A1039
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
1200
1225
1250
1275
1300
1325
1350
1375
1400
MHz
VSWR
IN
OUT
-50
-40
-30
-20
-10
0
10
20
30
40
50
800
950
1100
1250
1400
1550
1700
1850
2000
dB
MHz
Broadband Gain
0.5 dB NF, 16 dBm P1dB, 1.215 GHz to 1.4 GHz,
Low Noise Amplifier, 25 dB Gain, SMA


유사한 부품 번호 - PE15A1039

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A1030 PASTERNACK-PE15A1030 Datasheet
774Kb / 8P
   TECHNICAL DATA SHEET
PE15A1031 PASTERNACK-PE15A1031 Datasheet
475Kb / 7P
   TECHNICAL DATA SHEET
PE15A1032 PASTERNACK-PE15A1032 Datasheet
653Kb / 7P
   TECHNICAL DATA SHEET
PE15A1033 PASTERNACK-PE15A1033 Datasheet
598Kb / 7P
   TECHNICAL DATA SHEET
PE15A1034 PASTERNACK-PE15A1034 Datasheet
660Kb / 7P
   TECHNICAL DATA SHEET
More results

유사한 설명 - PE15A1039

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com